Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2825 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2825
Description  Integrated Power Supply 1A DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2825 Datasheet HTML 3Page - National Semiconductor (TI) LM2825 Datasheet HTML 4Page - National Semiconductor (TI) LM2825 Datasheet HTML 5Page - National Semiconductor (TI) LM2825 Datasheet HTML 6Page - National Semiconductor (TI) LM2825 Datasheet HTML 7Page - National Semiconductor (TI) LM2825 Datasheet HTML 8Page - National Semiconductor (TI) LM2825 Datasheet HTML 9Page - National Semiconductor (TI) LM2825 Datasheet HTML 10Page - National Semiconductor (TI) LM2825 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Test Circuit
Application Information
PROGRAMMING OUTPUT VOLTAGE
(Selecting R1 and R2 as shown in
Figure 3)
The LM2825 is available in two adjustable output versions.
The LM2825-ADJ has been optimized for output voltages
between 1.23V and 8V, while the LM2825H-ADJ covers the
output voltage range of 7V to 15V. Both adjustable versions
are set in the following way.
Select a value for R1 between 240
Ω and 1.5 kΩ. The lower
resistor values minimize noise pickup at the sensitive adjust
pin. (For lowest temperature coefficient and the best stability
with time, use 1% metal film resistors.)
Select R2 with the following equation.
When programming V
OUT, keep in mind that VIN must be
greater than V
OUT + 2V for proper operation.
OPTIONAL EXTERNAL COMPONENTS
SOFT-START CAPACITOR
C
SS: A capacitor on this pin provides the regulator with a
Soft-start feature (slow start-up). The current drawn from the
source starts out at a low average level with narrow pulses,
and ramps up in a controlled manner as the pulses expand
to their steady-state width. This reduces the startup current
considerably, and delays and slows down the output voltage
rise time.
DS012661-19
*Optional—Required if package is more than 6" away from main filter or bypass capacitor.
**Optional Soft-start Capacitor
VIN = 40V (max)
VOUT = 3.3V or 5V @ 1A or 12V @ 0.75A
FIGURE 2. Standard Test Circuit
(Fixed Output Voltage Versions)
DS012661-30
*Optional—Required if package is more than 6" away from main filter or bypass capacitor.
**Optional Soft-start Capacitor
***Optional—See Application Information.
VIN = 40V (max)
VOUT = 1.23V to 8V (LM2825-ADJ)
7V to 15V (LM2825H-ADJ)
ILOAD = IMAX (See derating curves)
FIGURE 3. Standard Test Circuit
(Adjustable Output Voltage Versions)
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com