Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3190 Datasheet (PDF) - Analog Devices

ADP3190 Datasheet PDF - Analog Devices
Part # ADP3190
Download  ADP3190 Download
File Size   832.07 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller

ADP3190 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3190 Datasheet PDF - Analog Devices

Part # ADP3190
Download  ADP3190 Click to download

File Size   832.07 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller

ADP3190 Datasheet (HTML) - Analog Devices


ADP3190 Product details

GENERAL DESCRIPTION

The ADP3190/ADP3190A1 are highly efficient, multiphase, synchronous buck switching regulator controllers optimized for converting a 5 V or 12 V main supply into the core supply voltage required by high performance Intel processors. They use an internal 6-bit DAC to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 0.8375 V and 1.6 V. The devices use a multimode PWM architecture to drive the logic-level outputs at a programmable switching frequency that can be optimized for VR size and efficiency. The phase relationship of the output signals can be programmed to provide 2-, 3-, or 4-phase operation, allowing for the construction of up to four complementary buck switching stages.



FEATURES

  Selectable 2-, 3-, or 4-phase operation at up to 1 MHz per phase

  ±9.5 mV worst-case differential sensing error over temperature

  Logic-level PWM outputs for interface to external high power drivers

  PWM Flex-ModeTM architecture for excellent load transient performance

  Active current balancing between all output phases

  Built-in power good/crowbar blanking supports on-the-fly VID code changes

  6-bit digitally programmable 0.8375 V to 1.6 V output

  Programmable short circuit protection with programmable latch-off delay



APPLICATIONS

  Desktop PC power supplies for

     Next-generation Intel® processors

     VRM modules

  Games consoles



 




Similar Part No. - ADP3190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3191AJRQZ-RL AD-ADP3191AJRQZ-RL Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3191AJRUZ-RL AD-ADP3191AJRUZ-RL Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3191JRQZ-RL AD-ADP3191JRQZ-RL Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3191JRUZ-RL AD-ADP3191JRUZ-RL Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
More results


Similar Description - ADP3190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
3/06-Rev. 0 to Rev. A
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com