Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3197 Datasheet (PDF) - Analog Devices

ADP3197 Datasheet PDF - Analog Devices
Part # ADP3197
Download  ADP3197 Download
File Size   689.03 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6-Bit Programmable 2-/3-Phase Synchronous Buck Controller

ADP3197 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3197 Datasheet PDF - Analog Devices

Part # ADP3197
Download  ADP3197 Click to download

File Size   689.03 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6-Bit Programmable 2-/3-Phase Synchronous Buck Controller

ADP3197 Datasheet (HTML) - Analog Devices


ADP3197 Product details

GENERAL DESCRIPTION
The ADP31971is a highly efficient multiphase synchronous buck switching regulator controller optimized for converting a 12 V main supply into the core supply voltage required by high performance, Advanced Micro Devices, AMD processors. It uses an internal 6-bit digital-to-analog converter (DAC) to read a voltage identification (VID) code directly from the processor, which is used to set the output voltage between 0.3750 V and 1.55 V. It use a multimode pulse-width modulation (PWM) architecture to drive the logic level outputs at a programmable switching frequency that can be optimized for VR size and efficiency

FEATURES
    Selectable 2-phase and 3-phase operation at up to 1 MHz per phase
    ±10 mV worst-case differential sensing error over temperature
    Logic-level PWM outputs for interface to external high power drivers
    Enhanced PWM flex mode for excellent load transient performance
    Active current balancing between all output phases
    Built-in power good/crowbar blanking that supports on-the-fly VID code changes
    Digitally programmable 0.3750 V to 1.55 V output
    Programmable short-circuit protection with programmable latch-off delay

APPLICATIONS
    Desktop PC power supplies for Next-generation AMD processors Voltage regulator modules (VRM)




Similar Part No. - ADP3197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
More results


Similar Description - ADP3197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
4/05-Rev. 0 to Rev. A
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
3/06-Revision 0
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com