Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR360 Datasheet (PDF) - Analog Devices

ADR360 Datasheet PDF - Analog Devices
Part # ADR360
Download  ADR360 Download
File Size   671.21 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise Voltage References with Sink/Source Capability

ADR360 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR360 Datasheet PDF - Analog Devices

Part # ADR360
Download  ADR360 Click to download

File Size   671.21 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Noise Voltage References with Sink/Source Capability

ADR360 Datasheet (HTML) - Analog Devices


ADR360 Product details

GENERAL DESCRIPTION

The ADR360/ADR361/ADR363/ADR364/ADR365/ADR366 are precision 2.048 V, 2.5 V, 3.0 V, 4.096 V, 5.0 V, and 3.3 V band gap voltage references that offer low power and high precision in tiny footprints. Using patented temperature drift curvature correction techniques from Analog Devices, Inc., the ADR36x references achieve a low temperature drift of 9 ppm/°C in a TSOT package.

The ADR36x family of micropower, low dropout voltage references provides a stable output voltage from a minimum supply of 300 mV above the output. Their advanced design eliminates the need for external capacitors, which further reduces board space and system cost. The combination of low power operation, small size, and ease of use makes the ADR36x precision voltage references ideally suited for battery-operated applications.



FEATURES

  Compact TSOT packages

  Low temperature coefficient

     B grade: 9 ppm/°C

     A grade: 25 ppm/°C

  Initial accuracy

     B grade: ±3 mV maximum

     A grade: ±6 mV maximum

  Ultralow output noise: 6.8 μV p-p (0.1 Hz to 10 Hz)

  Low dropout: 300 mV

  Low supply current: 190 μA maximum

  No external capacitor required

  Output current: +5 mA/−1 mA

  Wide temperature range: −40°C to +125°C

  Qualified for automotive applications



APPLICATIONS

  Battery-powered instruments

  Portable medical instruments

  Data acquisition systems

  Industrial process controls

  Automotive



 




Similar Part No. - ADR360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR360 AD-ADR360 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR360 AD-ADR360 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR360AUJZ-R2 AD-ADR360AUJZ-R2 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR360AUJZ-REEL7 AD-ADR360AUJZ-REEL7 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR360BUJZ-R2 AD-ADR360BUJZ-R2 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
More results


Similar Description - ADR360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR440 AD-ADR440 Datasheet
568Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
9/06-Rev. 0 to Rev. A
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR360 AD-ADR360_10 Datasheet
538Kb / 20P
Low Power, Low Noise Voltage References with Sink/Source Capability
Rev. D
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com