Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARW3 Datasheet (PDF) - List of Unclassifed Manufacturers

ARW3 Datasheet PDF - List of Unclassifed Manufacturers
Part # ARW3
Download  ARW3 Download
File Size   89.52 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1W to 14W AXIAL LEAD WIRE WOUND RESISTORS

ARW3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARW3 Datasheet PDF - List of Unclassifed Manufacturers

Part # ARW3
Download  ARW3 Click to download

File Size   89.52 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1W to 14W AXIAL LEAD WIRE WOUND RESISTORS

ARW3 Datasheet (HTML) - List of Unclassifed Manufacturers


ARW3 Product details

Features and Applications
Precision wire wound fixed resistor from 0.5W to 10W rating power.
Operating temperature range from –55C to 275C are performed by using strong silicone
resin.
Welding structure and high purity ceramic core assures long life stability.
Strong over load characteristics are fit for applications of industrial power electronics,
industrial measurements, automatic testing, switching power supplies, motor control
electronics, rush current protection in automotive electronics, industrial power supplies.




Similar Part No. - ARW3

ManufacturerPart #DatasheetDescription
logo
Electrolube
ARW300 ELECTROLUBE-ARW300 Datasheet
90Kb / 1P
Aerowipes
Revision 1: Oct 2013
More results


Similar Description - ARW3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
List of Unclassifed Man...
MCKNP03SJ0270A19 ETC2-MCKNP03SJ0270A19 Datasheet
397Kb / 10P
Wire Wound Fixed Resistors
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
5G10A ETC-5G10A Datasheet
557Kb / 1P
PRECISION WIRE WOUND RESISTORS
PWR0.5 ETC-PWR0.5 Datasheet
757Kb / 1P
Precision Wire Wound Resistors
logo
C&B ELECTRONICS (SHENZH...
EWWR RESI-EWWR Datasheet
453Kb / 1P
Axial Lead Wirewound Resistors
2021/04/28
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com