Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5372 Datasheet (PDF) - Analog Devices

AD5372 Datasheet PDF - Analog Devices
Part # AD5372
Download  AD5372 Download
File Size   307.1 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 16/14, Serial Input, Voltage-Output DACs

AD5372 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5372 Datasheet PDF - Analog Devices

Part # AD5372
Download  AD5372 Click to download

File Size   307.1 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 16/14, Serial Input, Voltage-Output DACs

AD5372 Datasheet (HTML) - Analog Devices


AD5372 Product details

GENERAL DESCRIPTION
The AD5372/AD5373 contain 32 16-/14-bit DACs in 64-lead LQFP and LFCSP packages. The devices provide buffered voltage outputs with a nominal span of 4× the reference voltage. The gain and offset of each DAC can be independently trimmed to remove errors. For even greater flexibility, the device is divided into four groups of eight DACs. Two offset DACs allow the output range of the groups to be altered. Group 0 can be adjusted by Offset DAC 0, and Group 1 to group 3 can be adjusted by Offset DAC 1. The AD5372/AD5373 offer guaranteed operation over a wide supply range: VSSfrom −16.5 V to −4.5 V and VDD from 9 V to 16.5 V. The output amplifier headroom requirement is 1.4 Voperating with a load current of 1 mA.

FEATURES
   32-channel DAC in a 64-lead LQFP and 64-lead LFCSP
   AD5372/AD5373 guaranteed monotonic to 16/14 bits
   Maximum output voltage span of 4 × VREF (20 V)
   Nominal output voltage range of −4 V to +8 V
   Multiple, independent output voltage spans available
   System calibration function allowing user-programmable
      offset and gain
   Channel grouping and addressing features
   Thermal shutdown function
   DSP/microcontroller-compatible serial interface
   SPI serial interface
   2.5 V to 5.5 V JEDEC-compliant digital levels
   Digital reset (RESET)
   Clear function to user-defined SIGGNDx
   Simultaneous update of DAC outputs

APPLICATIONS
   Level setting in automatic test equipment (ATE)
   Variable optical attenuators (VOA)
   Optical switches
   Industrial control systems
   Instrumentation




Similar Part No. - AD5372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5372 AD-AD5372 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5372 AD-AD5372 Datasheet
501Kb / 28P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Rev. C
AD5372BCPZ-RL7 AD-AD5372BCPZ-RL7 Datasheet
501Kb / 28P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Rev. C
AD5372BSTZ AD-AD5372BSTZ Datasheet
501Kb / 28P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Rev. C
AD5372BSTZ-REEL AD-AD5372BSTZ-REEL Datasheet
501Kb / 28P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
Rev. C
More results


Similar Description - AD5372

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com