Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5370 Datasheet (PDF) - Analog Devices

AD5370 Datasheet PDF - Analog Devices
Part # AD5370
Download  AD5370 Download
File Size   292.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 16-Bit, Serial Input, Voltage-Output DACs

AD5370 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5370 Datasheet PDF - Analog Devices

Part # AD5370
Download  AD5370 Click to download

File Size   292.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40-Channel, 16-Bit, Serial Input, Voltage-Output DACs

AD5370 Datasheet (HTML) - Analog Devices


AD5370 Product details

GENERAL DESCRIPTION
The AD5370 contains forty 16-bit DACs in a single 64-lead LFCSP and a 64-lead LQFP. The device provides buffered voltage outputs with a span that is 4× the reference voltage. The gain and offset of each DAC channel can be independently trimmed to remove errors. For even greater flexibility, the device is divided into five groups of eight DACs. Three offset DAC channels allow the output range of blocks to be adjusted. Group 0 can be adjusted by Offset DAC 0, Group 1 can be adjusted by Offset DAC 1, and Group 2 to Group 4 can be adjusted by Offset DAC 2. The AD5370 offers guaranteed operation over a wide supply range, with VSSfrom −16.5 V to −4.5 V and VDDfrom +9 V to +16.5 V. The output amplifier headroom requirement is 1.4 V operating with a load current of 1 mA. 

FEATURES
   40-channel DAC in a 64-lead LFCSP and a 64-lead LQFP
   Guaranteed monotonic to 16 bits
   Maximum output voltage span of 4 × VREF(20 V)
   Nominal output voltage span of −4 V to +8 V
   Multiple, independent output spans available
   System calibration function allowing user-programmable
      offset and gain
   Channel grouping and addressing features
   Thermal shutdown function
   DSP/microcontroller-compatible serial interface
   SPI serial interface
   2.5 V to 5.5 V digital interface
   Digital reset (RESET)
   Clear function to user-defined SIGGNDx
   Simultaneous update of DAC outputs

APPLICATIONS
   Level setting in automatic test equipment (ATE)
   Variable optical attenuators (VOA)
   Optical switches
   Industrial control systems
   Instrumentation




Similar Part No. - AD5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5370 AD-AD5370_V01 Datasheet
238Kb / 12P
Evaluation Board for AD5370/AD5372/AD5373
Rev. PrC
More results


Similar Description - AD5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
5 V, Serial-Input Voltage-Output, 16-Bit DACs
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5372 AD-AD5372 Datasheet
307Kb / 25P
32-Channel, 16/14, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com