Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX541 Datasheet (PDF) - Maxim Integrated Products

MAX541 Datasheet PDF - Maxim Integrated Products
Part # MAX541
Download  MAX541 Download
File Size   239.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Serial-Input, Voltage-Output, 16-Bit DACs

MAX541 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX541 Datasheet PDF - Maxim Integrated Products

Part # MAX541
Download  MAX541 Click to download

File Size   239.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V, Serial-Input, Voltage-Output, 16-Bit DACs

MAX541 Datasheet (HTML) - Maxim Integrated Products


MAX541 Product details

General Description
The MAX541/MAX542 are serial-input, voltage-output, 16-bit digital-to-analog converters (DACs) that operate from a single +5V supply. They provide 16-bit performance (±1LSB INL and DNL) over temperature without any adjustments. The DAC output is unbuffered, resulting in a low supply current of 0.3mA and a low offset error of 1LSB.

Features
♦ Full 16-Bit Performance Without Adjustments
♦ +5V Single-Supply Operation
♦ Low Power: 1.5mW
♦ 1µs Settling Time
♦ Unbuffered Voltage Output Directly Drives 60kΩ Loads
♦ SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ Power-On Reset Circuit Clears DAC Output to 0V (unipolar mode)
♦ Schmitt Trigger Inputs for Direct Optocoupler Interface

Applications
    High-Resolution Offset and Gain Adjustment
    Industrial Process Control
    Automated Test Equipment
    Data-Acquisition Systems




Similar Part No. - MAX541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411EEE MAXIM-MAX5411EEE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results


Similar Description - MAX541

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
5 V, Serial-Input Voltage-Output, 16-Bit DACs
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com