Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5441 Datasheet (PDF) - Maxim Integrated Products

MAX5441 Datasheet PDF - Maxim Integrated Products
Part # MAX5441
Download  MAX5441 Download
File Size   385.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs

MAX5441 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5441 Datasheet PDF - Maxim Integrated Products

Part # MAX5441
Download  MAX5441 Click to download

File Size   385.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs

MAX5441 Datasheet (HTML) - Maxim Integrated Products


MAX5441 Product details

General Description
The MAX5441–MAX5444 are serial-input, voltage-output, 16-bit digital-to-analog converters (DACs) in tiny µMAX® packages, 50% smaller than comparable DACs in 8-pin SOs. They operate from low +3V (MAX5443/MAX5444) or +5V (MAX5441/MAX5442) single supplies. They provide 16-bit performance (±2LSB INL and ±1LSB DNL) over temperature without any adjustments. Unbuffered DAC outputs result in a low supply current of 120µA and a low offset error of 2LSB.

Features
♦ Ultra-Small 3mm x 5mm 8-Pin µMAX Package
♦ Low 120µA Supply Current
♦ Fast 1µs Settling Time
♦ 25MHz SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ VREF Range Extends to VDD
♦ +5V (MAX5441/MAX5442) or +3V (MAX5443/MAX5444) Single-Supply Operation
♦ Full 16-Bit Performance Without Adjustments
♦ Unbuffered Voltage Output Directly Drives 60kΩ Loads
♦ Power-On Reset Circuit Clears DAC Output to Code 0 (MAX5441/MAX5443) or Code 32768 (MAX5442/MAX5444)
♦ Schmitt-Trigger Inputs for Direct Optocoupler Interface
♦ Asynchronous CLR

Applications
    High-Resolution Offset and Gain Adjustment
    Industrial Process Control
    Automated Test Equipment
    Data-Acquisition Systems




Similar Part No. - MAX5441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
1Mb / 13P
MAX544X Evaluation Kit
Rev 0; 5/12
MAX5441ACUA MAXIM-MAX5441ACUA Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441ACUA MAXIM-MAX5441ACUA Datasheet
1Mb / 13P
MAX544X Evaluation Kit
Rev 0; 5/12
More results


Similar Description - MAX5441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com