Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet (PDF) - Analog Devices

AD5644R Datasheet PDF - Analog Devices
Part # AD5644R
Download  AD5644R Download
File Size   1067.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference

AD5644R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5644R Datasheet PDF - Analog Devices

Part # AD5644R
Download  AD5644R Click to download

File Size   1067.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference

AD5644R Datasheet (HTML) - Analog Devices


AD5644R Product details

GENERAL DESCRIPTION
The AD5624R/AD5644R/AD5664R, members of the nanoDAC® family, are low power, quad, 12-/14-/16-bit buffered voltage-out DACs. All devices operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design.

FEATURES
   Low power, smallest pin-compatible, quad nanoDACs
      AD5664R: 16 bits
      AD5644R: 14 bits
      AD5624R: 12 bits
   User-selectable external or internal reference
      External reference default
      On-chip 1.25 V/2.5 V, 5 ppm/°C reference
   10-lead MSOP; 10-lead, 3 mm × 3 mm LFCSP_WD; and
      12-ball, 1.665 mm × 2.245 mm WLCSP
   2.7 V to 5.5 V power supply
   Guaranteed monotonic by design
   Power-on reset to zero scale
   Per channel power-down
   Serial interface, up to 50 MHz

APPLICATIONS
   Process controls
   Data acquisition systems
   Portable battery-powered instruments
   Digital gain and offset adjustment
   Programmable voltage and current sources
   Programmable attenuators




Similar Part No. - AD5644R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5644R AD-AD5644R Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-3 AD-AD5644RBRMZ-3 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-3REEL7 AD-AD5644RBRMZ-3REEL7 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-5 AD-AD5644RBRMZ-5 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-5REEL7 AD-AD5644RBRMZ-5REEL7 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Similar Description - AD5644R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com