Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 1 Page - Analog Devices

  AD5644R Datasheet HTML 1Page - Analog Devices AD5644R Datasheet HTML 2Page - Analog Devices AD5644R Datasheet HTML 3Page - Analog Devices AD5644R Datasheet HTML 4Page - Analog Devices AD5644R Datasheet HTML 5Page - Analog Devices AD5644R Datasheet HTML 6Page - Analog Devices AD5644R Datasheet HTML 7Page - Analog Devices AD5644R Datasheet HTML 8Page - Analog Devices AD5644R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad, 12-/14-/16-Bit nanoDACs® with
5 ppm/°C On-Chip Reference
AD5624R/AD5644R/AD5664R
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, smallest pin-compatible, quad nanoDACs
AD5664R: 16 bits
AD5644R: 14 bits
AD5624R: 12 bits
User selectable external or internal reference
External reference default
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
10-lead MSOP and 3 mm × 3 mm LFCSP_WD
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale
Per channel power-down
Serial interface, up to 50 MHz
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
SCLK
SYNC
DIN
INPUT
REGISTER
DAC
REGISTER
VDD
GND
POWER-ON
RESET
1.25V/2.5V REF
STRING
DAC A
BUFFER
VREFIN/VREFOUT
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
AD5624R/AD5644R/AD5664R
POWER-DOWN
LOGIC
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5624/AD5664
2.7 V to 5.5 V quad, 12-/16-bit
DACs, external reference
AD5666
2.7 V to 5.5 V quad 16-bit DAC,
internal reference, LDAC, CLR pins
GENERAL DESCRIPTION
The AD5624R/AD5644R/AD5664R, members of the nanoDAC
family, are low power, quad, 12-/14-/16-bit buffered voltage-out
DACs. All devices operate from a single 2.7 V to 5.5 V supply
and are guaranteed monotonic by design.
The AD5624R/AD5644R/AD5664R have an on-chip reference.
The AD56x4R-3 has a 1.25 V, 5 ppm/°C reference, giving a full-
scale output range of 2.5 V; the AD56x4R-5 has a 2.5 V,
5 ppm/°C reference giving a full-scale output range of 5 V. The
on-chip reference is off at power-up allowing the use of an
external reference and all devices can be operated from a single
2.7 V to 5.5 V supply. The internal reference is enabled via a
software write.
The part incorporates a power-on reset circuit that ensures the
DAC output powers up to 0 V and remains there until a valid
write takes place. The part contains a per-channel power-down
feature that reduces the current consumption of the device to
480 nA at 5 V and provides software-selectable output loads
while in power-down mode. The low power consumption of
this part in normal operation makes it ideally suited to portable
battery-operated equipment.
The AD5624R/AD5644R/AD5664R use a versatile 3-wire serial
interface that operates at clock rates up to 50 MHz, and is
compatible with standard SPI®, QSPI™, MICROWIRE™, and
DSP interface standards. The on-chip precision output amplifier
enables rail-to-rail output swing.
PRODUCT HIGHLIGHTS
1.
Quad 12-/14-/16-bit DACs.
2.
On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3.
Available in 10-lead MSOP and 10-lead, 3 mm × 3 mm,
LFCSP_WD.
4.
Low power, typically consumes 1.32 mW at 3 V and
2.25 mW at 5 V.


Similar Part No. - AD5644R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5644R AD-AD5644R Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-3 AD-AD5644RBRMZ-3 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-3REEL7 AD-AD5644RBRMZ-3REEL7 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-5 AD-AD5644RBRMZ-5 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5644RBRMZ-5REEL7 AD-AD5644RBRMZ-5REEL7 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results

Similar Description - AD5644R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com