Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5644R Datasheet HTML 20Page - Analog Devices AD5644R Datasheet HTML 21Page - Analog Devices AD5644R Datasheet HTML 22Page - Analog Devices AD5644R Datasheet HTML 23Page - Analog Devices AD5644R Datasheet HTML 24Page - Analog Devices AD5644R Datasheet HTML 25Page - Analog Devices AD5644R Datasheet HTML 26Page - Analog Devices AD5644R Datasheet HTML 27Page - Analog Devices AD5644R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 24 of 28
MICROPROCESSOR INTERFACING
AD5624R/AD5644R/AD5664R to Blackfin® ADSP-BF53x
Interface
Figure 57 shows a serial interface between the AD5624R/
AD5644R/AD5664R and the Blackfin ADSP-BF53x micro-
processor. The ADSP-BF53x processor family incorporates two
dual-channel synchronous serial ports, SPORT1 and SPORT0, for
serial and multiprocessor communications. Using SPORT0 to
connect to the AD5624R/AD5644R/AD5664R, the setup for the
interface is that the DT0PRI drives the DIN pin of the AD5624R/
AD5644R/AD5664R, while TSCLK0 drives the SCLK of the part.
The SYNC is driven from TFS0.
AD5624R/
AD5644R/
AD5664R1
ADSP-BF53x1
SYNC
TFS0
DIN
DTOPRI
SCLK
TSCLK0
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 57. Blackfin ADSP-BF53x Interface to AD5624R/AD5644R/AD5664R
AD5624R/AD5644R/AD5664R to 68HC11/68L11
Interface
Figure 58 shows a serial interface between the AD5624R/
AD5644R/AD5664R and the 68HC11/68L11 microcontroller.
SCK of the 68HC11/68L11 drives the SCLK of the AD5624R/
AD5644R/AD5664R, while the MOSI output drives the serial
data line of the DAC.
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are that the
68HC11/68L11 is configured with its CPOL bit as 0 and its
CPHA bit as 1. When data is transmitted to the DAC, the SYNC
line is taken low (PC7). When the 68HC11/68L11 is configured
as described above, data appearing on the MOSI output is valid
on the falling edge of SCK. Serial data from the 68HC11/68L11
is transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first.
In order to load data to the AD5624R/AD5644R/AD5664R,
PC7 is left low after the first eight bits are transferred, and a
second serial write operation is performed to the DAC; PC7 is
taken high at the end of this procedure.
68HC11/68L111
SYNC
PC7
SCLK
SCK
DIN
MOSI
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD5624R/
AD5644R/
AD5664R1
Figure 58. 68HC11/68L11 Interface to AD5624R/AD5644R/AD5664R
AD5624R/AD5644R/AD5664R to 80C51/80L51 Interface
Figure 59 shows a serial interface between the AD5624R/
AD5644R/AD5664R and the 80C51/80L51 microcontroller. The
setup for the interface is that the TxD of the 80C51/80L51 drives
SCLK of the AD5624R/AD5644R/AD5664R, while RxD drives the
serial data line of the part. The SYNC signal is derived from a bit-
programmable pin on the port. In this case, port line P3.3 is used.
When data is transmitted to the AD5624R/AD5644R/AD5664R,
P3.3 is taken low. The 80C51/80L51 transmits data in 8-bit bytes
only; thus, only eight falling clock edges occur in the transmit cycle.
To load data to the DAC, P3.3 is left low after the first eight bits are
transmitted, and a second write cycle is initiated to transmit the
second byte of data. P3.3 is taken high following the completion of
this cycle. The 80C51/80L51 outputs the serial data in LSB first
format. The AD5624R/ AD5644R/AD5664R must receive data
with the MSB first. The 80C51/80L51 transmit routine should take
this into account.
80C51/80L511
SYNC
P3.3
SCLK
TxD
DIN
RxD
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD5624R/
AD5644R/
AD5664R1
Figure 59. 80C51/80L51 Interface to AD5624R/AD5644R/AD5664R
AD5624R/AD5644R/AD5664R to MICROWIRE Interface
Figure 60 shows an interface between the AD5624R/AD5644R/
AD5664R and any MICROWIRE-compatible device. Serial data
is shifted out on the falling edge of the serial clock and is
clocked into the AD5624R/AD5644R/AD5664R on the rising
edge of the SK.
MICROWIRE1
SYNC
CS
SCLK
SK
DIN
SO
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD5624R/
AD5644R/
AD5664R1
Figure 60. MICROWIRE Interface to AD5624R/AD5644R/AD5664R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com