Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5644R Datasheet HTML 20Page - Analog Devices AD5644R Datasheet HTML 21Page - Analog Devices AD5644R Datasheet HTML 22Page - Analog Devices AD5644R Datasheet HTML 23Page - Analog Devices AD5644R Datasheet HTML 24Page - Analog Devices AD5644R Datasheet HTML 25Page - Analog Devices AD5644R Datasheet HTML 26Page - Analog Devices AD5644R Datasheet HTML 27Page - Analog Devices AD5644R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 25 of 28
APPLICATIONS
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD5624R/AD5644R/AD5664R
Because the supply current required by the AD5624R/AD5644R/
AD5664R is extremely low, an alternative option is to use a
voltage reference to supply the required voltage to the part (see
Figure 61). This is especially useful if the power supply is quite
noisy, or if the system supply voltages are at some value other
than 5 V or 3 V, for example, 15 V. The voltage reference
outputs a steady supply voltage for the AD5624R/AD5644R/
AD5664R (see Figure 59). If the low dropout REF195 is used, it
must supply 450 μA of current to the AD5624R/AD5644R/
AD5664R with no load on the output of the DAC. When the
DAC output is loaded, the REF195 also needs to supply the
current to the load. The total current required (with a 5 kΩ load
on the DAC output) is
450 μA + (5 V/5 kΩ) = 1.45 mA
The load regulation of the REF195 is typically 2 ppm/mA,
resulting in a 2.9 ppm (14.5 μV) error for the 1.45 mA current
drawn from it. This corresponds to a 0.191 LSB error.
3-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
15V
5V
VOUT = 0V TO 5V
VDD
REF195
AD5624R/
AD5644R/
AD5664R
Figure 61. REF195 as Power Supply to the AD5624R/AD5644R/AD5664R
BIPOLAR OPERATION USING THE
AD5624R/AD5644R/AD5664R
The AD5624R/AD5644R/AD5664R has been designed for
single-supply operation, but a bipolar output range is also
possible using the circuit in Figure 62. The circuit gives an
output voltage range of ±5 V. Rail-to-rail operation at the
amplifier output is achievable using an AD820 or an OP295 as
the output amplifier.
The output voltage for any input code can be calculated as
follows:
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65536).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output, and 0xFFFF corresponding to a
+5 V output.
3-WIRE
SERIAL
INTERFACE
R2 = 10kΩ
+5V
–5V
AD820/
OP295
+5V
AD5624R/
AD5644R/
AD5664R
VDD
VOUT
R1 = 10kΩ
±5V
0.1µF
10µF
Figure 62. Bipolar Operation with the AD5624R/AD5644R/AD5664R
USING AD5624R/AD5644R/AD5664R WITH A
GALVANICALLY ISOLATED INTERFACE
In process control applications in industrial environments, it is
often necessary to use a galvanically isolated interface to protect
and isolate the controlling circuitry from any hazardous
common-mode voltages that might occur in the area where the
DAC is functioning. Isocouplers provide isolation in excess of
3 kV. The AD5624R/AD5644R/AD5664R use a 3-wire serial
logic interface, so the ADuM130x 3-channel digital isolator
provides the required isolation (see Figure 63). The power
supply to the part also needs to be isolated, which is done by
using a transformer. On the DAC side of the transformer, a 5 V
regulator provides the 5 V supply required for the AD5624R/
AD5644R/AD5664R.
0.1µF
5V
REGULATOR
GND
DIN
SYNC
SCLK
POWER
10µF
SDI
SCLK
DATA
AD5624R/
AD5644R/
AD5664R
VOUT
VOB
VOA
VOC
VDD
V1C
V1B
V1A
ADuM1300
Figure 63. AD5624R/AD5644R/AD5664R with a Galvanica ly Isolated Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com