Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5644R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5644R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5644R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5644R Datasheet HTML 19Page - Analog Devices AD5644R Datasheet HTML 20Page - Analog Devices AD5644R Datasheet HTML 21Page - Analog Devices AD5644R Datasheet HTML 22Page - Analog Devices AD5644R Datasheet HTML 23Page - Analog Devices AD5644R Datasheet HTML 24Page - Analog Devices AD5644R Datasheet HTML 25Page - Analog Devices AD5644R Datasheet HTML 26Page - Analog Devices AD5644R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5624R/AD5644R/AD5664R
Rev. A | Page 23 of 28
LDAC FUNCTION
The AD5624R/AD5644R/AD5664R DACs have double-
buffered interfaces consisting of two banks of registers: input
registers and DAC registers. The input registers are connected
directly to the input shift register and the digital code is
transferred to the relevant input register on completion of a
valid write sequence. The DAC registers contain the digital
code used by the resistor strings.
The double-buffered interface is useful if the user requires
simultaneous updating of all DAC outputs. The user can write
to three of the input registers individually and then write to the
remaining input register, updating all DAC registers simulta-
neously. Command 010 is reserved for this software LDAC.
Access to the DAC registers is controlled by the LDAC
function. The LDAC register contains two modes of operation
for each DAC channel. The DAC channels are selected by
setting the bits of the 4-bit LDAC register (DB3, DB2, DB1, and
DB0). Command 110 is reserved for setting up the LDAC
register. When the LDAC bit register is set low, the
corresponding DAC registers are latched and the input
registers can change state without affecting the contents of the
DAC registers. When the LDAC bit register is set high,
however, the DAC registers become transparent and the
contents of the input registers are transferred to them on the
falling edge of the 24th SCLK pulse. This is equivalent to having
an LDAC hardware pin tied permanently low for the selected
DAC channel, that is, synchronous update mode. See Table 14
for the LDAC register mode of operation. See Table 16 for
contents of the input shift register during the LDAC register
setup command.
This flexibility is useful in applications where the user wants to
update select channels simultaneously, while the rest of the
channels update synchronously.
Table 14. LDAC Register Mode of Operation
Load DAC Register
LDAC Bits
(DB3 to DB0)
LDAC Mode of Operation
0
Normal operation (default), DAC register
update is controlled by write command.
1
The DAC registers are updated after new
data is read in on the falling edge of the
24th SCLK pulse.
INTERNAL REFERENCE SETUP
The on-chip reference is off at power-up by default. This
reference can be turned on or off by setting a software
programmable bit, DB0 in the control register. Table 15 shows
how the state of the bit corresponds to the mode of operation.
Command 111 is reserved for setting up the internal reference
(see Table 8). Table 16 shows how the state of the bits in the
input shift register corresponds to the mode of operation of the
device during internal reference setup.
Table 15. Reference Set-up Register
Internal Reference
Setup Register (DB0)
Action
0
Reference off (default)
1
Reference on
Table 16. 24-Bit Input Shift Register Contents for LDAC Setup Command for the AD5624R/AD5644R/AD5664R
DB23 to DB22
(MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB4
DB3
DB2
DB1
DB0 (LSB)
x
1
1
0
x
x
x
x
DAC D
DAC C
DAC B
DAC A
Don’t care
Command bits
(C2 to C0)
Address bits
(A2 to A0); don’t care
Don’t care
Set bit to 0 or 1 for required mode of
operation on respective channel
Table 17. 24-Bit Input Shift Register Contents for Internal Reference Setup Command
DB23 to DB22
(MSB)
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0 (LSB)
x
1
1
1
x
x
x
x
1/0
Don’t care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Reference setup register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com