Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL322 Datasheet (PDF) - Analog Devices

ADXL322 Datasheet PDF - Analog Devices
Part # ADXL322
Download  ADXL322 Download
File Size   363.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small and Thin -2 g Accelerometer

ADXL322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL322 Datasheet PDF - Analog Devices

Part # ADXL322
Download  ADXL322 Click to download

File Size   363.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Small and Thin -2 g Accelerometer

ADXL322 Datasheet (HTML) - Analog Devices


ADXL322 Product details

GENERAL DESCRIPTION
The ADXL322 is a small, thin, low power, complete, dual-axis accelerometer with signal conditioned voltage outputs, which are all on a single monolithic IC. The product measures acceleration with a full-scale range of ±2 g (typical). It can also measure both dynamic acceleration (vibration) and static acceleration (gravity).

FEATURES
   Small and thin
      4 mm × 4 mm × 1.45 mm LFCSP package
   2 mg resolution at 60 Hz
   Wide supply voltage range: 2.4 V to 6 V
   Low power: 340 μA at VS = 2.4 V (typ)
   Good zero g bias stability
   Good sensitivity accuracy
   X-axis and Y-axis aligned to within 0.1° (typ)
   BW adjustment with a single capacitor
   Single-supply operation
   10,000 g shock survival
   Pb Free: Compatible with Sn/Pb and Pb-free solder processes

APPLICATIONS
   Cost-sensitive motion- and tilt-sensing applications
      Smart hand-held devices
      Mobile phones
      Sports and health-related devices
      PC security and PC peripherals




Similar Part No. - ADXL322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
Small and Thin 2 g Accelerometer
Rev.0
More results


Similar Description - ADXL322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
Small and Thin 5 g Accelerometer
9/04-Revision 0
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
Small and Thin 18 g Accelerometer
12/04-Revision 0
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
8/06-Revision 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
Small and Thin 5 g iMEMS Accelerometer
Rev.0
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
Small and Thin 2 g Accelerometer
Rev.0
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Rev.0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
Small and thin
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com