Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5800 Datasheet (PDF) - Renesas Technology Corp

2SC5800 Datasheet PDF - Renesas Technology Corp
Part # 2SC5800
Download  2SC5800 Download
File Size   274.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON SiGe RF TWIN TRANSISTOR

2SC5800 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5800 Datasheet PDF - Renesas Technology Corp

Part # 2SC5800
Download  2SC5800 Click to download

File Size   274.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON SiGe RF TWIN TRANSISTOR

2SC5800 Datasheet (HTML) - Renesas Technology Corp


2SC5800 Product details

NPN SILICON + SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS)
IN A 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PACKAGE)

FEATURES
• 2 different built-in transistors (NESG2046M33, 2SC5800)
Q1: High gain SiGe transistor
fT = 18 GHz TYP., S21e2 = 13 dB TYP. @ VCE = 1 V, IC = 15 mA, f = 2 GHz
Q2: Low phase distortion transistor suited for OSC applications
fT = 6.5 GHz TYP., S21e2 = 5.5 dB TYP. @ VCE = 1 V, IC = 15 mA, f = 2 GHz
• 6-pin lead-less minimold (M16, 1208 package)




Similar Part No. - 2SC5800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
2SC5800 RENESAS-2SC5800 Datasheet
259Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
328Kb / 19P
NPN SILICON RF TWIN TRANSISTOR
2002
2SC5800 RENESAS-2SC5800 Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
2SC5800 RENESAS-2SC5800 Datasheet
292Kb / 13P
NPN SILICON RF TWIN TRANSISTOR
2003
More results


Similar Description - 2SC5800

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
2008
UPA867TS RENESAS-UPA867TS Datasheet
213Kb / 8P
NPN SILICON SiGe RF TWIN TRANSISTOR
2005
UPA868TS RENESAS-UPA868TS Datasheet
213Kb / 8P
NPN SILICON SiGe RF TWIN TRANSISTOR
2005
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com