Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA901TU Datasheet (PDF) - Renesas Technology Corp

UPA901TU Datasheet PDF - Renesas Technology Corp
Part # UPA901TU
Download  UPA901TU Download
File Size   304.86 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF ANALOG INTEGRATED CIRCUIT

UPA901TU Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA901TU Datasheet PDF - Renesas Technology Corp

Part # UPA901TU
Download  UPA901TU Click to download

File Size   304.86 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF ANALOG INTEGRATED CIRCUIT

UPA901TU Datasheet (HTML) - Renesas Technology Corp


UPA901TU Product details

NPN SiGe RF IC
IN A 8-PIN LEAD-LESS MINIMOLD

DESCRIPTION
The μPA901TU is a silicon germanium HBT IC designed for the power amplifier of 5.8 GHz cordless phone and
other 5.8 GHz applications. This IC consists of two stage amplifiers and has excellent performance, high efficiency,
high gain, low power consumption.
The device is packaged in surface mount 8-pin lead-less minimold plastic package.
The device is fabricated with our SiGe HBT process UHS2-HV technology.
FEATURES
• Output Power : Pout = 19 dBm @ Pin = −3 dBm, VCE = 3.6 V, f = 5.8 GHz
• Low Power : IC = 90 mA @ Pin = −3 dBm, VCE = 3.6 V, f = 5.8 GHz
• Single Power Supply Operation : VCE = 3.6 V
• Built-in bias circuit
• 8-pin lead-less minimold (2.0 × 2.2 × 0.5 mm)




Similar Part No. - UPA901TU

ManufacturerPart #DatasheetDescription
logo
NEC
UPA901TU NEC-UPA901TU Datasheet
565Kb / 9P
NPN SiGe RF IC IN A 8-PIN LEAD-LESS MINIMOLD
UPA901TU-A NEC-UPA901TU-A Datasheet
565Kb / 9P
NPN SiGe RF IC IN A 8-PIN LEAD-LESS MINIMOLD
UPA901TU-T3 NEC-UPA901TU-T3 Datasheet
565Kb / 9P
NPN SiGe RF IC IN A 8-PIN LEAD-LESS MINIMOLD
UPA901TU-T3-A NEC-UPA901TU-T3-A Datasheet
565Kb / 9P
NPN SiGe RF IC IN A 8-PIN LEAD-LESS MINIMOLD
More results


Similar Description - UPA901TU

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
NPN SiGe RF TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
NPN SiGe RF TRANSISTOR
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
NPN SiGe RF TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
NPN SiGe RF Transistor
03-May-2002
logo
Renesas Technology Corp
UPD5753T7G RENESAS-UPD5753T7G Datasheet
270Kb / 15P
SiGe/CMOS Integrated Circuit
logo
California Eastern Labs
UPD5702TU-A CEL-UPD5702TU-A Datasheet
391Kb / 10P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
logo
Renesas Technology Corp
UPD5702TU RENESAS-UPD5702TU Datasheet
231Kb / 13P
Si LDMOSFET ANALOG RF INTEGRATED CIRCUIT
2003
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com