Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G240 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G240 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G240
Download  74LVC1G240 Download
File Size   233.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single inverting buffer/line driver; 3-state

74LVC1G240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G240 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G240
Download  74LVC1G240 Click to download

File Size   233.47 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single inverting buffer/line driver; 3-state

74LVC1G240 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G240 Product details

1. General description
The 74LVC1G240 is a 1-bit inverting buffer/line driver with 3-state output. The device features
an output enable OE. A HIGH on OE causes the output to assume a high-impedance OFF-state.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ±24 mA output drive (VCC = 3.0 V)
• ESD protection:
• • HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• CMOS low power consumption
• Inputs accept voltages up to 5 V
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC1G240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G240DBVRE4 TI-74LVC1G240DBVRE4 Datasheet
494Kb / 14P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74LVC1G240DBVRE4 TI1-74LVC1G240DBVRE4 Datasheet
1Mb / 22P
Single Buffer/Driver With 3-State Output
74LVC1G240DBVRG4 TI-74LVC1G240DBVRG4 Datasheet
494Kb / 14P
SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74LVC1G240DBVRG4 TI1-74LVC1G240DBVRG4 Datasheet
1Mb / 22P
Single Buffer/Driver With 3-State Output
74LVC1G240DBVRG4 TI2-74LVC1G240DBVRG4 Datasheet
1Mb / 30P
Single Buffer/Driver With 3-State Output
REVISED DECEMBER 2013
More results


Similar Description - 74LVC1G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
Octal buffer/line driver; inverting 3-State
1998 May 20
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
Octal buffer/line driver; 3-state inverting
December 1990
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com