Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G240 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G240
Description  Single inverting buffer/line driver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G240 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC1G240 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G240 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
74LVC1G240
Single inverting buffer/line driver; 3-state
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = -40 °C to +85 °C
VCC = 1.65 V to 1.95 V
0.65 × VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
0.7 × VCC
-
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.3 × VCC V
VI = VIH or VIL
VCC = 1.65 V to 5.5 V; IO = 100 μA
-
-
0.1
V
VCC = 1.65 V; IO = 4 mA
-
-
0.45
V
VCC = 2.3 V; IO = 8 mA
-
-
0.3
V
VCC = 2.7 V; IO = 12 mA
-
-
0.4
V
VCC = 3.0 V; IO = 24 mA
-
-
0.55
V
VOL
LOW-level output voltage
VCC = 4.5 V; IO = 32 mA
-
-
0.55
V
VI = VIH or VIL
VCC = 1.65 V to 5.5 V; IO = -100 μA
VCC - 0.1
-
-
V
VCC = 1.65 V; IO = -4 mA
1.2
-
-
V
VCC = 2.3 V; IO = -8 mA
1.9
-
-
V
VCC = 2.7 V; IO = -12 mA
2.2
-
-
V
VCC = 3.0 V; IO = -24 mA
2.3
-
-
V
VOH
HIGH-level output voltage
VCC = 4.5 V; IO = -32 mA
3.8
-
-
V
II
input leakage current
VCC = 0 V to 5.5 V; VI = 5.5 V or GND
-
±0.1
±1
μA
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL;
VO = 5.5 V or GND
-
±0.1
±2
μA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±2
μA
ICC
supply current
VI = 5.5 V or GND; VCC = 1.65 V to 5.5 V;
IO = 0 A
-
0.1
4
μA
ΔICC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
μA
CI
input capacitance
-
5
-
pF
74LVC1G240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 1 — 9 March 2022
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com