Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5934EB Datasheet (PDF) - Analog Devices

EVAL-AD5934EB Datasheet PDF - Analog Devices
Part # EVAL-AD5934EB
Download  EVAL-AD5934EB Download
File Size   513.31 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 12-Bit Impedance Converter, Network Analyzer

EVAL-AD5934EB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD5934EB Datasheet PDF - Analog Devices

Part # EVAL-AD5934EB
Download  EVAL-AD5934EB Click to download

File Size   513.31 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 kSPS, 12-Bit Impedance Converter, Network Analyzer

EVAL-AD5934EB Datasheet (HTML) - Analog Devices


EVAL-AD5934EB Product details

GENERAL DESCRIPTION

The AD5934 is a high precision impedance converter system solution which combines an on-board frequency generator with a 12-bit, 250 kSPS, analog-to-digital converter (ADC). The frequency generator allows an external complex impedance to be excited with a known frequency. The response signal from the impedance is sampled by the on-board ADC and a discrete Fourier transform (DFT) is processed by an on-board DSP engine. The DFT algorithm returns a real (R) and imaginary (I) data-word at each output frequency.



FEATURES

Programmable output peak-to-peak excitation voltage to a max frequency of 100 kHz

Programmable frequency sweep capability with serial I2C® interface

Frequency resolution of 27 bits (<0.1 Hz)

Impedance measurement range from 100 Ω to 10 MΩ

Phase measurement capability

System accuracy of 0.5%

2.7 V to 5.5 V power supply operation

Temperature range −40°C to +125°C

16-lead SSOP package



APPLICATIONS

Electrochemical analysis

Bioelectrical impedance analysis

Impedance spectroscopy

Complex impedance measurement

Corrosion monitoring and protection equipment

Biomedical and automotive sensors

Proximity sensing

Nondestructive testing

Material property analysis

Fuel/battery cell condition monitoring




Similar Part No. - EVAL-AD5934EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5930EB AD-EVAL-AD5930EB Datasheet
699Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
EVAL-AD5930EBZ AD-EVAL-AD5930EBZ Datasheet
567Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
5/2017-Rev. C to Rev. D
EVAL-AD5932EB AD-EVAL-AD5932EB Datasheet
473Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. 0
EVAL-AD5932EBZ AD-EVAL-AD5932EBZ Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
More results


Similar Description - EVAL-AD5934EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
553Kb / 20P
1 MSPS 12-Bit Impedance Converter, Network Analyzer
Dec-2004
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com