Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7796 Datasheet (PDF) - Analog Devices

AD7796 Datasheet PDF - Analog Devices
Part # AD7796
Download  AD7796 Download
File Size   552.23 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors

AD7796 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7796 Datasheet PDF - Analog Devices

Part # AD7796
Download  AD7796 Click to download

File Size   552.23 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors

AD7796 Datasheet (HTML) - Analog Devices


AD7796 Product details

GENERAL DESCRIPTION

The AD7796/AD7797 are complete, analog front ends for high precision, bridge sensor applications such as weigh scales. The AD7796/AD7797 contain a Σ-Δ ADC capable of 16-/24-bit resolution, respectively. The on-chip instrumentation amplifier has a fixed gain of 128, allowing small amplitude signals such as those from bridge sensors to be directly interfaced to the ADC.



FEATURES

RMS noise: 65 nV

Instrumentation amp

Temperature sensor

Internal clock oscillator

Simultaneous 50 Hz/60 Hz rejection

Update rate: 4.17 Hz to 123 Hz

Current: 250 μA typ

Power-down: 1 μA

Power supply: 2.7 V to 5.25 V

–40°C to +85°C temperature range

Independent interface power supply

16-lead TSSOP



INTERFACE

3-wire serial

SPI®, QSPI™, MICROWIRE™, and DSP compatible

Schmitt trigger on SCLK



APPLICATIONS

Weigh scales

Strain gages

Industrial process control

Instrumentation

Portable instrumentation



 




Similar Part No. - AD7796

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
AD7796BRUZ AD-AD7796BRUZ Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
AD7796BRUZ-REEL AD-AD7796BRUZ-REEL Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
More results


Similar Description - AD7796

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
Low Power, Buffered 24-Bit Sigma-Delta ADC
8/03-Revision 0
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com