Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7191 Datasheet (PDF) - Analog Devices

AD7191 Datasheet PDF - Analog Devices
Part # AD7191
Download  AD7191 Download
File Size   381.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors

AD7191 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7191 Datasheet PDF - Analog Devices

Part # AD7191
Download  AD7191 Click to download

File Size   381.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors

AD7191 Datasheet (HTML) - Analog Devices


AD7191 Product details

GENERAL DESCRIPTION

The AD7191 is a low noise, complete analog front end for high precision measurement applications. It contains a low noise, 24-bit sigma-delta (Σ-Δ) ADC. The on-chip low noise gain stage means that signals of small amplitude can be interfaced directly to the ADC. It contains two differential analog inputs. The part also includes a temperature sensor that can be used for temperature compensation.



FEATURES

Pin-programmable output rate

Output data rate: 10 Hz, 50 Hz, 60 Hz, 120 Hz

Pin-programmable PGA

Gain: 1, 8, 64, 128

Pin-programmable power-down and reset

RMS noise: 15 nV @ 10 Hz (gain = 128)

Up to 21.5 noise free bits (gain = 1)

Internal or external clock

Bridge power-down switch

Offset drift: 5 nV/°C

Gain drift: 1 ppm/°C

Specified drift over time

Simultaneous 50 Hz/60 Hz rejection

Internal temperature sensor

Power supply: 3 V to 5.25 V

Current: 4.35 mA

Temperature range: –40°C to +105°C

Package: 24-lead TSSOP



INTERFACE

2-wire serial

SPI, QSPI™, and MICROWIRE™ compatible

Schmitt trigger on SCLK



APPLICATIONS

Weigh scales

Strain gauge transducers

Pressure measurement

Medical and scientific instrumentation




Similar Part No. - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7191 AD-AD7191 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7191BRUZ AD-AD7191BRUZ Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7191BRUZ-REEL AD-AD7191BRUZ-REEL Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
More results


Similar Description - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7780 AD-AD7780 Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
Low-Noise 24-bit Delta Sigma ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com