Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7780 Datasheet (PDF) - Analog Devices

AD7780 Datasheet PDF - Analog Devices
Part # AD7780
Download  AD7780 Download
File Size   429.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC

AD7780 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7780 Datasheet PDF - Analog Devices

Part # AD7780
Download  AD7780 Click to download

File Size   429.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC

AD7780 Datasheet (HTML) - Analog Devices


AD7780 Product details

GENERAL DESCRIPTION

The AD7780 is a complete low power front-end solution for bridge sensor products, including weigh scales, strain gages, and pressure sensors. It contains a precision, low power, 24-bit sigma delta (Σ-Δ) ADC; an on-chip, low noise programmable gain amplifier (PGA); and an on-chip oscillator.



FEATURES

Pin-programmable filter response Update rate: 10 Hz or 16.7 Hz

Pin-programmable in-amp gain

Pin-programmable power-down and reset

Status function

Internal clock oscillator

Internal bridge power-down switch

Current

   115 μA typical (gain = 1)

   330 μA typical (gain = 128)

Simultaneous 50 Hz/60 Hz rejection

Power supply: 2.7 V to 5.25 V

−40°C to +105°C temperature range

Independent interface power supply

Packages

   14-lead, narrow body SOIC

   16-lead TSSOP

2-wire serial interface (read-only device)

   SPI compatible

   Schmitt trigger on SCLK



APPLICATIONS

Weigh scales

Pressure measurement

Industrial process control

Portable instrumentation




Similar Part No. - AD7780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7780 AD-AD7780 Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7780BRUZ AD-AD7780BRUZ Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7780BRUZ-REEL AD-AD7780BRUZ-REEL Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7780BRZ AD-AD7780BRZ Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7780BRZ-REEL AD-AD7780BRZ-REEL Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
More results


Similar Description - AD7780

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7781 AD-AD7781 Datasheet
394Kb / 16P
20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
23-Feb-2017
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com