Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7780 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 4 Page - Analog Devices

  AD7780 Datasheet HTML 1Page - Analog Devices AD7780 Datasheet HTML 2Page - Analog Devices AD7780 Datasheet HTML 3Page - Analog Devices AD7780 Datasheet HTML 4Page - Analog Devices AD7780 Datasheet HTML 5Page - Analog Devices AD7780 Datasheet HTML 6Page - Analog Devices AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7780
Rev. A | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
SCLK, FILTER, GAIN, PDRST2
Input Low Voltage, VINL
0.4
V
DVDD = 3 V
0.8
V
DVDD = 5 V
Input High Voltage, VINH
1.8
V
DVDD = 3 V
2.4
V
DVDD = 5 V
SCLK (Schmitt-Triggered Input)
Hysteresis
100
mV
DVDD = 3 V
140
mV
DVDD = 5 V
Input Currents
±2
μA
VIN = DVDD or GND
Input Capacitance
10
pF
All digital inputs
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V
DVDD = 3 V, ISOURCE = 100 μA
4
V
DVDD = 5 V, ISOURCE = 200 μA
Output Low Voltage, VOL2
0.4
V
DVDD = 3 V, ISINK = 100 μA
0.4
V
DVDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±2
μA
Floating-State Output Capacitance
10
pF
Data Output Coding
Offset binary
POWER REQUIREMENTS3
Power Supply Voltage
AVDD to GND
2.7
5.25
V
DVDD to GND
2.7
5.25
V
Power Supply Currents
IDD Current
115
μA
Gain = 1, AVDD = 3 V
130
160
μA
Gain = 1, AVDD = 5 V
330
μA
Gain = 128, AVDD = 3 V
420
500
μA
Gain = 128, AVDD = 5 V
IDD (Power-Down/Reset Mode)
10
μA
1 Temperature range is −40°C to +105°C.
2 This specification is not production tested but is supported by characterization data at initial product release.
3 Digital inputs are equal to DVDD or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com