Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7780 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7780 Datasheet HTML 5Page - Analog Devices AD7780 Datasheet HTML 6Page - Analog Devices AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices AD7780 Datasheet HTML 10Page - Analog Devices AD7780 Datasheet HTML 11Page - Analog Devices AD7780 Datasheet HTML 12Page - Analog Devices AD7780 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7780
Rev. A | Page 9 of 16
0
200
400
600
800
1000
SAMPLE
8,388,380
8,388,385
8,388,390
8,388,395
8,388,400
8,388,405
8,388,410
8,388,415
Figure 14. Noise (VREF = AVDD, Update Rate = 10 Hz, Gain = 1)
CODE
0
100
75
25
50
8,388,385
8,388,391
8,388,397
8,388,403
8,388,409
8,388,415
Figure 15. Noise Distribution Histogram
(VREF = AVDD, Update Rate = 10 Hz, Gain = 1)
VIN (V)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
Figure 16. Integral Nonlinearity (VREF = AVDD, Gain = 128)
VIN (V)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–6
–4
–2
0246
Figure 17. Integral Nonlinearity (VREF = AVDD, Gain = 1)
TEMPERATURE (°C)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
120
Figure 18. Offset vs. Temperature (Gain = 128)
TEMPERATURE (°C)
–200
–150
–100
–50
0
50
100
150
–60
–40
–20
0
20
40
60
80
100
120
Figure 19. Gain Error vs. Temperature (Gain = 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com