Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7781 Datasheet (PDF) - Analog Devices

AD7781 Datasheet PDF - Analog Devices
Part # AD7781
Download  AD7781 Download
File Size   394.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC

AD7781 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7781 Datasheet PDF - Analog Devices

Part # AD7781
Download  AD7781 Click to download

File Size   394.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC

AD7781 Datasheet (HTML) - Analog Devices


AD7781 Product details

GENERAL DESCRIPTION
The AD7781 is a complete, low power front-end solution for bridge sensor products, including weigh scales, strain gages, and pressure sensors. It contains a precision, low power, 20-bit sigma-delta (Σ-Δ) ADC, an on-chip, low noise programmable gain amplifier (PGA), and an on-chip oscillator.

FEATURES
   Pin-programmable filter response
      Update rate: 10 Hz or 16.7 Hz
   Pin-programmable in-amp gain
   Pin-programmable power-down and reset
   Status function
   Internal clock oscillator
   Internal bridge power-down switch
   Current
      115 μA typical (gain = 1)
      330 μA typical (gain = 128)
   Simultaneous 50 Hz/60 Hz rejection
   Power supply: 2.7 V to 5.25 V
   −40°C to +105°C temperature range
   Independent interface power supply
   Packages
      14-lead, narrow body SOIC
      16-lead TSSOP
   2-wire serial interface (read-only device)
      SPI compatible
      Schmitt trigger on SCLK

APPLICATIONS
   Weigh scales
   Pressure measurement
   Industrial process control
   Portable instrumentation




Similar Part No. - AD7781

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7781 AD-AD7781 Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7781BRUZ AD-AD7781BRUZ Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7781BRUZ-REEL AD-AD7781BRUZ-REEL Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7781BRZ AD-AD7781BRZ Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7781BRZ-REEL AD-AD7781BRZ-REEL Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
More results


Similar Description - AD7781

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7780 AD-AD7780 Datasheet
429Kb / 16P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7170 AD-AD7170 Datasheet
271Kb / 16P
12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
12-Bit Low Power Sigma-Delta ADC
23-Feb-2017
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
16-Bit, Low Power, Sigma-Delta ADC
23-Feb-2017
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
23-Feb-2017
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
23-Feb-2017
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com