Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7191 Datasheet (PDF) - Analog Devices

AD7191 Datasheet PDF - Analog Devices
Part # AD7191
Download  AD7191 Download
File Size   330.32 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sigma-Delta ADC for Bridge Sensors

AD7191 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7191 Datasheet PDF - Analog Devices

Part # AD7191
Download  AD7191 Click to download

File Size   330.32 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sigma-Delta ADC for Bridge Sensors

AD7191 Datasheet (HTML) - Analog Devices


AD7191 Product details

FEATURES
Pin-programmable output rate
Output data rate: 10 Hz, 50 Hz, 60 Hz, 120 Hz
Pin-programmable PGA
Gain: 1, 8, 64, 128
Pin-programmable power-down and reset
RMS noise: 15 nV @ 10 Hz (gain = 128)
Up to 21.5 noise free bits (gain = 1)
Internal or external clock
Bridge power-down switch
Offset drift: 5 nV/°C
Gain drift: 1 ppm/°C
Specified drift over time
Simultaneous 50 Hz/60 Hz rejection
Internal temperature sensor
Power supply: 3 V to 5.25 V
Current: 4.35 mA
Temperature range: –40°C to +105°C
Package: 24-lead TSSOP




Similar Part No. - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191BRUZ AD-AD7191BRUZ Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191BRUZ-REEL AD-AD7191BRUZ-REEL Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
More results


Similar Description - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
logo
Texas Instruments
ADS1235 TI1-ADS1235 Datasheet
1Mb / 76P
Precision, 3-Channel, Differential-Input, 7200-SPS, 24-Bit Delta-Sigma ADC for Bridge Sensors
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com