Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8141ACPZN Datasheet (PDF) - Analog Devices

ADL8141ACPZN Datasheet PDF - Analog Devices
Part # ADL8141ACPZN
Download  ADL8141ACPZN Download
File Size   1635.35 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz

ADL8141ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8141ACPZN Datasheet PDF - Analog Devices

Part # ADL8141ACPZN
Download  ADL8141ACPZN Click to download

File Size   1635.35 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz

ADL8141ACPZN Datasheet (HTML) - Analog Devices


ADL8141ACPZN Product details

GENERAL DESCRIPTION
The ADL8141 is a low power consumption, low noise amplifier
that operates from 14 GHz to 24 GHz. Typical gain, noise figure,
and output third-order intercept (OIP3) are 29 dB, 1.4 dB, and 18
dBm, respectively. Typical supply current is 25 mA from a 2 V
supply. OIP3 and output power for 1 dB compression (OP1dB) can
be increased by adjusting a supply-referenced resistor connected
to the RBIAS pin. The RF input and output of the ADL8141 are
internally matched and AC-coupled.
The ADL8141 is fabricated on a gallium arsenide (GaAs), pseudomorphic
high electron mobility transistor (pHEMT), monolithic
microwave integrated circuit (MMIC) process. The ADL8141 is
housed in a RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP and is
specified for operation from −40°C to +85°C.

FEATURES
► Low noise, high gain LNA for Ku and K band
► Frequency range: 14 GHz to 24 GHz
► Low noise figure: 1.4 dB typical at 15 GHz to 22 GHz
► High gain: 29 dB typical at 14 GHz to 15 GHz
► Integrated AC coupling capacitors
► Integrated bias inductor
► Single positive supply: 2 V with IDQ = 25 mA
► RBIAS drain current adjustment pin
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Ku band and K band satellite communications




Similar Part No. - ADL8141ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8141ACPZN-CSL AD-ADL8141ACPZN-CSL Datasheet
263Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
ADL8141ACPZN-R7-CSL AD-ADL8141ACPZN-R7-CSL Datasheet
263Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results


Similar Description - ADL8141ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com