Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8102 Datasheet (PDF) - Analog Devices

ADL8102 Datasheet PDF - Analog Devices
Part # ADL8102
Download  ADL8102 Download
File Size   1895.93 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz

ADL8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8102 Datasheet PDF - Analog Devices

Part # ADL8102
Download  ADL8102 Click to download

File Size   1895.93 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz

ADL8102 Datasheet (HTML) - Analog Devices


ADL8102 Product details

FEATURES
► Single positive supply (self biased)
► Gain: 27 dB typical at 9 GHz to 19 GHz
► OP1dB: 13.5 dB typical at 1 GHz to 9 GHz
► OIP3: 25 dBm typical at 1 GHz to 9 GHz
► Noise figure: 2.5 dB typical at 9 GHz to 19 GHz
► RoHS-compliant, 3 mm × 3 mm, 16-lead LFCSP

APPLICATIONS
► Telecommunications
► Satellite communications
► Military radar
► Weather radar
► Civil radar
► Electronic warfare

GENERAL DESCRIPTION
The ADL8102 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), low noise wideband amplifier that operates
from 1 GHz to 22 GHz.
The ADL8102 provides a typical gain of 27 dB at 9 GHz to 19 GHz,
a 2.5 dB typical noise figure from 9 GHz to 19 GHz, a typical output
third-order intercept (OIP3) of 25 dBm at 1 GHz to 9 GHz, and a
saturated output power (PSAT) of up to 15.5 dBm, which requires
only 110 mA from a 5 V supply voltage. The ADL8102 also features
inputs and outputs that are internally matched to 50 Ω. The RFIN
and RFOUT pins are internally AC-coupled, and the bias inductor is
also integrated, which makes it ideal for surface-mounted technology
(SMT)-based, high capacity microwave radio applications.
The ADL8102 is housed in an RoHS-compliant, 3 mm × 3 mm,
16-lead LFCSP package.




Similar Part No. - ADL8102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Similar Description - ADL8102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com