Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8513 Datasheet (PDF) - Analog Devices

ADMV8513 Datasheet PDF - Analog Devices
Part # ADMV8513
Download  ADMV8513 Download
File Size   1618.73 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter

ADMV8513 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV8513 Datasheet PDF - Analog Devices

Part # ADMV8513
Download  ADMV8513 Click to download

File Size   1618.73 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter

ADMV8513 Datasheet (HTML) - Analog Devices


ADMV8513 Product details

GENERAL DESCRIPTION
The ADMV8513 is an RF band-pass filter that features a digitally
selectable frequency of operation. The filter center frequency (fCENTER)
can be adjusted from 520 MHz to 1300 MHz, using an 8-bit
value (256 states) that incorporates a patent pending interpolation
technique.
The typical 3 dB bandwidth is 8.5% with narrow-band and wideband
options and adjustability is ±2%. Insertion loss is typically 5.5
dB, and the 20 dB rejection is 17% away from fCENTER, which is
ideally suited for minimizing system interferers.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and this device provides a dynamically adjustable solution in advanced
communications applications.

FEATURES
► Digitally tunable, octave, band-pass tuning
► 3 dB bandwidth: 8.5% ± 2%
► Rejection (20 dB): 17% away from fCENTER
► Single chip replacement for discrete filter banks
► Compact 10.00 mm × 10.00 mm × 2.10 mm LGA package

APPLICATIONS
► Land mobile radios
► Test and measurement equipment
► Military radars and electronic warfare and electronic countermeasures
► Satellite communications
► Industrial and medical equipment




Similar Part No. - ADMV8513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8502 AD-ADMV8502 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502-EVALZ AD-ADMV8502-EVALZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ AD-ADMV8502ACCZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ-R7 AD-ADMV8502ACCZ-R7 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results


Similar Description - ADMV8513

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
Ceramic High Pass Filter 1300 to 3500 MHz
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
2450 MHz Band Pass Filter
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Johanson Technology Inc...
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
1810 MHz Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com