Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8502ACCZ-R7 Datasheet (PDF) - Analog Devices

ADMV8502ACCZ-R7 Datasheet PDF - Analog Devices
Part # ADMV8502ACCZ-R7
Download  ADMV8502ACCZ-R7 Download
File Size   1429.91 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter

ADMV8502ACCZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV8502ACCZ-R7 Datasheet PDF - Analog Devices

Part # ADMV8502ACCZ-R7
Download  ADMV8502ACCZ-R7 Click to download

File Size   1429.91 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter

ADMV8502ACCZ-R7 Datasheet (HTML) - Analog Devices


ADMV8502ACCZ-R7 Product details

GENERAL DESCRIPTION
The ADMV85021 is an RF band-pass filter that features a digitally
selectable frequency of operation. The filter center frequency (fCENTER)
can be adjusted from 90 MHz to 225 MHz, using an 8-bit value
(256 states) that incorporates a patented calibration technique.
The typical 3 dB bandwidth is 9% and adjustability is ±2%. Insertion
loss is typically 3.5 dB, and the 20 dB rejection is 17% away from
fCENTER, which is ideally suited for minimizing system interferers.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and the ADMV8502 provides a dynamically adjustable solution in
advanced communications applications.

FEATURES
► Digitally tunable, octave, band-pass tuning
► 3 dB bandwidth: 9% ± 2%
► Rejection (20 dB): 17% away from fCENTER
► Single chip replacement for discrete filter banks
► Compact 10 mm × 10 mm LGA package
APPLICATIONS
► Land mobile radios
► Test and measurement equipment
► Military radars and electronic warfare and electronic countermeasures
► Satellite communications
► Industrial and medical equipment




Similar Part No. - ADMV8502ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505-EVALZ AD-ADMV8505-EVALZ Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505ACCZ AD-ADMV8505ACCZ Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505ACCZ-R7 AD-ADMV8505ACCZ-R7 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results


Similar Description - ADMV8502ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
BHP-250 MINI-BHP-250 Datasheet
71Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
NHP-250 MINI-NHP-250 Datasheet
100Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
SHP-250 MINI-SHP-250 Datasheet
128Kb / 1P
High Pass Filter 50廓 225 to 3000 MHz
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com