Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7829-1 Datasheet (PDF) - Analog Devices

AD7829-1 Datasheet PDF - Analog Devices
Part # AD7829-1
Download  AD7829-1 Download
File Size   390.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC

AD7829-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7829-1 Datasheet PDF - Analog Devices

Part # AD7829-1
Download  AD7829-1 Click to download

File Size   390.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC

AD7829-1 Datasheet (HTML) - Analog Devices


AD7829-1 Product details

GENERAL DESCRIPTION
The AD7829-1 is a high speed 8-channel, microprocessor compatible, 8-bit analog-to-digital converter with a maximum throughput of 2 MSPS. The AD7829-1 contains an on-chip reference of 2.5 V (2% tolerance); a track-and-hold amplifier; a 420 ns, 8-bit half-flash ADC; and a high speed parallel interface. The converter can operate from a single 3 V ± 10% and 5 V ± 10% supply.

FEATURES
   8-bit half-flash ADC with 420 ns conversion time
   Eight single-ended analog input channels
      Available with input offset adjust
   On-chip track-and-hold
   SNR performance given for input frequencies
      up to10 MHz
   On-chip reference (2.5 V)
   Automatic power-down at the end of conversion
   Wide operating supply range
      3 V ± 10% and 5 V ± 10%
   Input ranges
      0 V to 2 V p-p, VDD = 3 V ± 10%
      0 V to 2.5 V p-p, VDD = 5 V ± 10%
   Flexible parallel interface with EOC pulse to allow
      stand-alone operation

APPLICATIONS
   Data acquisition systems, DSP front ends
   Disk drives
   Mobile communication systems, subsampling
      applications




Similar Part No. - AD7829-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829-1 AD-AD7829-1 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
More results


Similar Description - AD7829-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822 AD-AD7822 Datasheet
240Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
10/01-REV.B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV.0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com