Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7827 Datasheet (PDF) - Analog Devices

AD7827 Datasheet PDF - Analog Devices
Part # AD7827
Download  AD7827 Download
File Size   185.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC

AD7827 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7827 Datasheet PDF - Analog Devices

Part # AD7827
Download  AD7827 Click to download

File Size   185.56 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC

AD7827 Datasheet (HTML) - Analog Devices


AD7827 Product details

GENERAL DESCRIPTION
The AD7827 is a high speed, single channel, low power, analog-to-digital converter with a maximum throughput of 1 MSPS that operates from a single 3 V or 5 V supply. The AD7827 contains a track/hold amplifier, an on-chip 2.5 V reference (2% tolerance), a 420 ns 8-bit half-flash ADC and a serial interface. The serial interface is compatible with the serial interfaces of most DSPs (Digital Signal Processors). The throughput rate of the AD7827 is dependent on the clock speed of the DSP serial interface.

FEATURES
   8-Bit Half-Flash ADC with 420 ns Conversion Time
      200 ns Acquisition Time
   8-Lead Package
   On-Chip Track-and-Hold
   On-Chip 2.5 V Reference with 2% Tolerance
   Operating Supply Range: 3 V ± 10% and 5 V ± 10%
   Specifications @ 3 V and 5 V
   DSP/Microcontroller Compatible Serial Interface
   Automatic Power-Down at End of Conversion
   Input Ranges
      0 V to 2 V, VDD = 3 V
      0 V to 2.5 V, VDD = 5 V




Similar Part No. - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827 Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BN AD-AD7827BN Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BR AD-AD7827BR Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Similar Description - AD7827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7822 AD-AD7822 Datasheet
240Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
10/01-REV.B
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
7/06-Revision 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com