Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7934-6 Datasheet (PDF) - Analog Devices

AD7934-6 Datasheet PDF - Analog Devices
Part # AD7934-6
Download  AD7934-6 Download
File Size   750.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer

AD7934-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7934-6 Datasheet PDF - Analog Devices

Part # AD7934-6
Download  AD7934-6 Click to download

File Size   750.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer

AD7934-6 Datasheet (HTML) - Analog Devices


AD7934-6 Product details

GENERAL DESCRIPTION
The AD7934-6 is a 12-bit, high speed, low power, successive approximation (SAR) analog-to-digital converter (ADC). The part operates from a single 2.7 V to 5.25 V power supply and features throughput rates up to 625 kSPS. The part contains a low noise, wide bandwidth, differential track-and-hold amplifier that handles input frequencies up to 50 MHz.

FEATURES
   Throughput rate: 625 kSPS
   Specified for VDD of 2.7 V to 5.25 V
   Power consumption
      3.6 mW maximum at 625 kSPS with 3 V supplies
      7.5 mW maximum at 625 kSPS with 5 V supplies
   4 analog input channels with a sequencer
   Software-configurable analog inputs
      4-channel single-ended inputs
      2-channel fully differential inputs
      2-channel pseudo differential inputs
   Accurate on-chip 2.5 V reference
      ±0.2% maximum @ 25°C, 25 ppm/°C maximum
   70 dB SINAD at 50 kHz input frequency
   No pipeline delays
   High speed parallel interface—word/byte modes
   Full shutdown mode: 2 μA maximum
   28-lead TSSOP package




Similar Part No. - AD7934-6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934-6 AD-AD7934-6 Datasheet
617Kb / 29P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
2/07-Rev. A to Rev. B
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
2/07-Rev. A to Rev. B
More results


Similar Description - AD7934-6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
430Kb / 20P
4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV.0
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Rev. 0
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
2/07-Rev. A to Rev. B
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
23-Feb-2017
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com