Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8333 Datasheet (PDF) - Analog Devices

AD8333 Datasheet PDF - Analog Devices
Part # AD8333
Download  AD8333 Download
File Size   769.85 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter

AD8333 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8333 Datasheet PDF - Analog Devices

Part # AD8333
Download  AD8333 Click to download

File Size   769.85 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter

AD8333 Datasheet (HTML) - Analog Devices


AD8333 Product details

GENERAL DESCRIPTION

The AD8333 is a dual-phase shifter and I/Q demodulator that enables coherent summing and phase alignment of multiple analog data channels. It is the first solid-state device suitable for beamformer circuits, such as those used in high performance medical ultrasound equipment featuring CW Doppler. The RF

inputs interface directly with the outputs of the dual-channel, low noise preamplifiers included in the AD8332.



FEATURES

Dual integrated I/Q demodulator

16 phase select on each output (22.5° per step)

Quadrature demodulation accuracy

  Phase accuracy: ±0.1°

  Amplitude balance: ±0.05 dB

Bandwidth

  4 LO: 100 kHz to 200 MHz

  RF: dc to 50 MHz

  Baseband: determined by external filtering

Output dynamic range: 161 dB/Hz

LO drive > 0 dBm (50 Ω); 4 LO > 1 MHz

Supply: ±5 V

Power consumption: 190 mW/channel (380 mW total)

Power down



APPLICATIONS

Medical imaging (CW ultrasound beamforming)

Phased array systems (radar and adaptive antennas)

Communication receivers




Similar Part No. - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
More results


Similar Description - AD8333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
E-Series I/Q Demodulator 70 MHz
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
I/Q Modulator/Demodulator 850-960 MHz
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com