Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8339 Datasheet (PDF) - Analog Devices

AD8339 Datasheet PDF - Analog Devices
Part # AD8339
Download  AD8339 Download
File Size   237.14 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad I/Q Demodulator And Phase Shifter

AD8339 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8339 Datasheet PDF - Analog Devices

Part # AD8339
Download  AD8339 Click to download

File Size   237.14 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad I/Q Demodulator And Phase Shifter

AD8339 Datasheet (HTML) - Analog Devices


AD8339 Product details

GENERAL DESCRIPTION

The AD8339 is a Quad I/Q demodulator intended to be driven by a low noise preamplifier with differential outputs; it is optimized for the LNA in the AD8332/4/5 family of VGAs. The part consists of four identical I/Q demodulators with a 4x local oscillator (LO) input that divides this signal and generates the necessary 0° and 90° phases of the internal LO that drive the mixers. The four I/Q demodulators can be used independently of each other (assuming that a common LO is acceptable) since each has a separate RF input.



FEATURES

Quad Integrated I/Q Demodulator

16 Phase Select on each Output (22.5° per step)

Quadrature Demodulation Accuracy

   Phase Accuracy ±1°

   Amplitude Balance ±0.25 dB

Bandwidth

   4LO: LF – 100 MHz; RF: LF - 25 MHz

   Baseband: determined by external filtering

Output Dynamic Range 158 dB (1 Hz Bandwidth)

LO Drive > –10 dBm (50 Ω); 200 mVpp

Supply: ±5 V

Power Consumption 73 mW/channel (290 mW total)

Power Down via SPI (Each Channel and Complete Chip)



APPLICATIONS

Medical Imaging (CW Ultrasound Beamforming)

Phased Array Systems

Radar

Adaptive Antennas

Communication Receivers




Similar Part No. - AD8339

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
More results


Similar Description - AD8339

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
AD8333 AD-AD8333 Datasheet
769Kb / 28P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
5/06-Rev. 0 to Rev. A
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
BOWEI Integrated Circui...
IVM2-30 BOWEI-IVM2-30 Datasheet
270Kb / 1P
IVM2 series I/Q Demodulator
IVM4-30 BOWEI-IVM4-30 Datasheet
245Kb / 1P
IVM4 series I/Q Demodulator
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
I/Q Modulator/Demodulator
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com