Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336 Datasheet (PDF) - Analog Devices

AD8336 Datasheet PDF - Analog Devices
Part # AD8336
Download  AD8336 Download
File Size   1037.84 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA

AD8336 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8336 Datasheet PDF - Analog Devices

Part # AD8336
Download  AD8336 Click to download

File Size   1037.84 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA

AD8336 Datasheet (HTML) - Analog Devices


AD8336 Product details

GENERAL DESCRIPTION

The AD8336 is a low noise, single-ended, linear-in-dB, general purpose variable gain amplifier, usable over a large range of supply voltages. It features an uncommitted preamplifier (preamp) with a usable gain range of 6 dB to 26 dB established by external resistors in the classical manner. The VGA gain range is 0 dB to 60 dB, and its absolute gain limits are −26 dB to +34 dB. When the preamplifier gain is adjusted for 12 dB, the combined 3 dB bandwidth of the preamp and VGA is 100 MHz, and the amplifier is fully usable to 80 MHz. With ±5 V supplies, the maximum output swing is 2 V p-p.



FEATURES

Low noise

   Voltage noise: 3 nV/√Hz

   Current noise: 3 pA/√Hz

Small signal BW: 115 MHz

Large signal BW: 2 V p-p = 80 MHz

Slew rate: 550 V/µs, 2 V p-p

Gain ranges (specified)

   −14 dB to +46 dB, 0 dB to 60 dB

Gain scaling: 50 dB/V

DC-coupled

Single-ended input and output

Supplies: ±3 V to ±12 V

Temperature Range: −55°C to +125°C

Power

   150 mW @ ±3 V, −55°C < T < +125°C

   84 mW @ ±3 V, PWRA = 3 V



APPLICATIONS

Industrial process controls

High performance AGC systems

I/Q signal processing

Video

Industrial and medical ultrasound

Radar receivers




Similar Part No. - AD8336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8336 AD-AD8336 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8336-EVALZ AD-AD8336-EVALZ Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8336ACPZ-R7 AD-AD8336ACPZ-R7 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8336ACPZ-RL AD-AD8336ACPZ-RL Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8336ACPZ-WP AD-AD8336ACPZ-WP Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
More results


Similar Description - AD8336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
5 WATT WIDE INPUT DC TO DC CONVERTERS
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
5 Watt Wide Input DC to DC Converters
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
logo
Linear Technology
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
Linear Technology
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com