Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337 Datasheet (PDF) - Analog Devices

AD8337 Datasheet PDF - Analog Devices
Part # AD8337
Download  AD8337 Download
File Size   773.59 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General-Purpose, Low Cost, DC-Coupled VGA

AD8337 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8337 Datasheet PDF - Analog Devices

Part # AD8337
Download  AD8337 Click to download

File Size   773.59 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description General-Purpose, Low Cost, DC-Coupled VGA

AD8337 Datasheet (HTML) - Analog Devices


AD8337 Product details

GENERAL DESCRIPTION

The AD8337 is a low noise, single-ended, linear-in-dB, general purpose variable gain amplifier (VGA) usable at frequencies from dc to 100 MHz; the −3 dB bandwidth is 280 MHz. Excellent bandwidth uniformity across the entire gain range and low output-referred noise makes the AD8337 ideal for gain trim applications and for driving high speed analog-to digital converters (ADCs).



FEATURES

Low noise

  Voltage noise = 2.2 nV/√Hz

  Current noise = 4.8 pA/√Hz (positive input)

Wide bandwidth (−3 dB) = 280 MHz

Nominal gain range: 0 dB to 24 dB (preamp gain = 6 dB)

Gain scaling: 19.7 dB/V

DC-coupled

Single-ended input and output

High speed uncommitted op amp input

Supplies: +5 V, ±2.5 V, or ±5 V

Low power: 78 mW with ±2.5 V supplies



APPLICATIONS

Gain trim

PET scanners

High performance AGC systems

I/Q signal processing

Video

Industrial and medical ultrasound

Radar receivers




Similar Part No. - AD8337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337 AD-AD8337 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
AD8337-EVAL-INV AD-AD8337-EVAL-INV Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337-EVAL-SS AD-AD8337-EVAL-SS Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337-EVALZ AD-AD8337-EVALZ Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
More results


Similar Description - AD8337

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
Low Cost General Purpose Transistors
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
LOW COST VGA CONTROLLER
logo
Analog Devices
AD8336 AD-AD8336 Datasheet
1Mb / 28P
General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
10/06-Revision 0
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com