Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41586 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT41586 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT41586
Download  AT41586 Download
File Size   61.17 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost General Purpose Transistors

AT41586 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT41586 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT41586
Download  AT41586 Click to download

File Size   61.17 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Cost General Purpose Transistors

AT41586 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT41586 Product details

Description

Hewlett-Packard’s AT-41586 is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-41586 is housed in a low cost surface mount .085" diameter plastic package. The 4 micron emitter-to-emitter pitch enables this transistor to be used in many different functions. The 14 emitter finger interdigitated geometry yields an intermediate sized transistor with impedances that are easy to match for low noise and moderate power applications.



Features

• Low Noise Figure

   1.4 dB Typical at 1 GHz

   1.7 dB Typical at 2 GHz

• High Associated Gain

   17.0 dB Typical at 1 GHz

   12.5 dB Typical at 2 GHz

• Low Cost Surface Mount Package

• Tape and Reel Option Available



 




Similar Part No. - AT41586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT415 ETC2-AT415 Datasheet
3Mb / 33P
Accessories Hardware
AT415 ETC-AT415 Datasheet
3Mb / 34P
Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
Accessories & Hardware
logo
Agilent(Hewlett-Packard...
AT41511 HP-AT41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results


Similar Description - AT41586

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
Low Cost, General Purpose Miniature Circular Connectors
logo
Analog Devices
DAC12QZ AD-DAC12QZ_15 Datasheet
806Kb / 2P
Low Cost General Purpose Digitalto Analog Converter
ADC10Z AD-ADC10Z_15 Datasheet
734Kb / 2P
LOW COST GENERAL PURPOSE A/D CONVERTERS
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com