Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT41586 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # AT41586
Description  Low Cost General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41586 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  AT41586 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Cost General Purpose
Transistors
Technical Data
Features
• Low Noise Figure
1.4 dB Typical at 1 GHz
1.7 dB Typical at 2 GHz
• High Associated Gain
17.0 dB Typical at 1 GHz
12.5 dB Typical at 2 GHz
• Low Cost Surface Mount
Package
• Tape and Reel Option
Available
AT-41586
Figure 1. AT-41586 Noise Figure and
Associated Gain vs. Frequency at
VCE = 8 V, IC = 10 mA.
FREQUENCY (GHz)
4.0
1.0
6
0
24
21
3
15
18
0.5
12
9
3.0
2.0
2
4
0
GA
O
NF
1
4
3
2
EMITTER
BASE
EMITTER
COLLECTOR
86 Plastic Package
Description
Hewlett-Packard’s AT-41586 is a
general purpose NPN bipolar
transistor that offers excellent
high frequency performance. The
AT-41586 is housed in a low cost
surface mount .085" diameter
plastic package. The 4 micron
emitter-to-emitter pitch enables
this transistor to be used in many
different functions. The 14 emitter
finger interdigitated geometry
yields an intermediate sized
transistor with impedances that
are easy to match for low noise
and moderate power applications.
Applications include use in
wireless systems as an LNA, gain
stage, buffer, oscillator, and
mixer. An optimum noise match
near 50
Ω in the 1 to 2 GHz
frequency range, makes this
device easy to use as a low noise
amplifier.
The AT-41586 bipolar transistor is
fabricated using Hewlett-Packard’s
10 GHz f
T Self-Aligned-Transistor
(SAT) process. The die is nitride
passivated for surface protection.
Excellent device uniformity,
performance and reliability are
produced by the use of ion-
implantation, self-alignment
techniques, and gold metalization
in the fabrication of this device.
Pin Connections


Similar Part No. - AT41586

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT415 ETC2-AT415 Datasheet
3Mb / 33P
Accessories Hardware
AT415 ETC-AT415 Datasheet
3Mb / 34P
Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
Accessories & Hardware
logo
Agilent(Hewlett-Packard...
AT41511 HP-AT41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results

Similar Description - AT41586

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
logo
Japan Aviation Electron...
SRCN JAE-SRCN Datasheet
429Kb / 2P
Low Cost, General Purpose Miniature Circular Connectors
logo
Analog Devices
DAC12QZ AD-DAC12QZ_15 Datasheet
806Kb / 2P
Low Cost General Purpose Digitalto Analog Converter
ADC10Z AD-ADC10Z_15 Datasheet
734Kb / 2P
LOW COST GENERAL PURPOSE A/D CONVERTERS
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
Low Cost General Purpose Transistors
logo
Analog Devices
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com