Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM560 Datasheet (PDF) - Cypress Semiconductor

SM560 Datasheet PDF - Cypress Semiconductor
Part # SM560
Download  SM560 Download
File Size   245.35 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Clock Generator

SM560 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM560 Datasheet PDF - Cypress Semiconductor

Part # SM560
Download  SM560 Click to download

File Size   245.35 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Spread Spectrum Clock Generator

SM560 Datasheet (HTML) - Cypress Semiconductor


SM560 Product details

Features
• 25- to 108-MHz operating frequency range
• Wide (9) range of spread selections
• Accepts clock and crystal inputs
• Low power dissipation
• 3.3V = 85 mw (50 MHz)
• Frequency Spread disable function
• Center Spread modulation
• Low cycle-to cycle jitter
• Eight-pin SOIC package

Applications
• VGA controllers
• LCD panels and monitors
• Printers and multi-function devices (MFP)

Benefits
• Peak electromagnetic interference (EMI) reduction by 8 to 16 dB
• Fast time to market
• Cost reduction




Similar Part No. - SM560

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Nippon Precision Circui...
SM5605F NPC-SM5605F Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
SM5605FA NPC-SM5605FA Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
SM5605FC NPC-SM5605FC Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
More results


Similar Description - SM560

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com