Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5602 Datasheet (PDF) - Silicon Mitus, Inc.

SM5602 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5602
Download  SM5602 Download
File Size   618.27 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Fuel Gauge with Smart Engine

SM5602 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5602 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5602
Download  SM5602 Click to download

File Size   618.27 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Fuel Gauge with Smart Engine

SM5602 Datasheet (HTML) - Silicon Mitus, Inc.


SM5602 Product details

Features
1-Cell Li-Ion Battery Fuel Gauge
-Up to ±8 A Current Sensing
-High-side or Low-side Current Sensing
-Supports Embedded or Removable Battery
-Provides Three Selectable Pre-programmed
Profiles for 4.2 V, 4.35 V and 4.4 V
Adjustable External Sense Resistor (Typ. 10 mΩ)
-Down to 5 mΩ for High Current Sensing
-Up to 150 mΩ for Enhanced Current Resolution
Automatically Refreshes SOC for Aging Battery (SOH)
Eco-Friendly Technology in Normal Mode (35 μA)
Rapidly-adapting SOC in Low Temperature
Support Thermistor in Battery Module or System Side
Resistance Compensation Functions
-Current Sensing Compensation
-Voltage Sensing Compensation
400 kHz Full-Speed I2C Interface
9-Bump, 1.47 mm x 1.47 mm WLCSP Package
Applications
Mobile and Smart Phones
Tablets
Wearable Devices
Internet of Things (IoT)




Similar Part No. - SM5602

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SM560 CYPRESS-SM560 Datasheet
245Kb / 8P
Spread Spectrum Clock Generator
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Nippon Precision Circui...
SM5605F NPC-SM5605F Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
SM5605FA NPC-SM5605FA Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
SM5605FC NPC-SM5605FC Datasheet
121Kb / 4P
LSI for Quartz Crystal Osillationg Module
More results


Similar Description - SM5602

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
Low Voltage Fuel Gauge
October 25, 2005
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
Standalone Fuel Gauge IC
5/09
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2_15 Datasheet
1Mb / 39P
Fuel Gauge With Integrated Sense Resistor
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
Fuel Gauge With Integrated LDO
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
Wide Range Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Maxim Integrated Produc...
DS2792 MAXIM-DS2792 Datasheet
418Kb / 40P
Programmable Fuel Gauge with UART Interface
REV: 021607
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
ON Semiconductor
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com