Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCELMM1.TG Datasheet (PDF) - ams AG

KWCELMM1.TG Datasheet PDF - ams AG
Part # KWCELMM1.TG
Download  KWCELMM1.TG Download
File Size   1141.4 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.

KWCELMM1.TG Datasheet (PDF)

Go To PDF Page Download Datasheet
KWCELMM1.TG Datasheet PDF - ams AG

Part # KWCELMM1.TG
Download  KWCELMM1.TG Click to download

File Size   1141.4 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.

KWCELMM1.TG Datasheet (HTML) - ams AG


KWCELMM1.TG Product details

Features:
Package: Ceramic package
Chip technology: UX:3
Typ. Radiation: 120° (Lambertian emitter)
Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
Corrosion Robustness Class: 3A
Qualifications: AEC-Q102 Qualified
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
Color over angle: Better than passus 3.7.2.1 of supplement proposal 7 to ECE reg. 128





Similar Part No. - KWCELMM1.TG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCELMM1.TG OSRAM-KWCELMM1.TG Datasheet
1Mb / 25P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.3 2024-02-08
More results


Similar Description - KWCELMM1.TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4192 STMICROELECTRONICS-AN4192 Datasheet
4Mb / 47P
In the latest generation of CPUs for modern desktop and notebook platforms
13-Nov-2012
logo
PHOENIX CONTACT
1424412 PHOENIX-1424412 Datasheet
74Kb / 3P
good shielding in the event of electromagnetic interference
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
logo
Linx Technologies
ANT-315-CW-RH LINX-ANT-315-CW-RH Datasheet
354Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-418-CW-RAH LINX-ANT-418-CW-RAH Datasheet
379Kb / 2P
The RAH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
12/4/13
ANT-418-CW-RH LINX-ANT-418-CW-RH Datasheet
358Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
ANT-433-CW-RH LINX-ANT-433-CW-RH Datasheet
361Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
logo
ams AG
GWCSSRM1.CC AMSCO-GWCSSRM1.CC Datasheet
5Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.5
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com