Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.CC Datasheet (PDF) - ams AG

GWCSSRM1.CC Datasheet PDF - ams AG
Part # GWCSSRM1.CC
Download  GWCSSRM1.CC Download
File Size   5726.94 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.

GWCSSRM1.CC Datasheet (PDF)

Go To PDF Page Download Datasheet
GWCSSRM1.CC Datasheet PDF - ams AG

Part # GWCSSRM1.CC
Download  GWCSSRM1.CC Click to download

File Size   5726.94 Kbytes
Page   26 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.

GWCSSRM1.CC Datasheet (HTML) - ams AG


GWCSSRM1.CC Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 120°
• Color: 2700 K - 6500 K (white)
• CRI: min. 90 ( typ. 92 )
• Luminous Flux: typ. 200 lm @ 3000 K, 85 °C
• Luminous efficacy: typ. 102 lm/W @ 3000 K,
85 °C
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available




Similar Part No. - GWCSSRM1.CC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM1.CC OSRAM-GWCSSRM1.CC Datasheet
759Kb / 27P
SMT ceramic package with silicone resin and silicone lens
More results


Similar Description - GWCSSRM1.CC

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC3L5L1.TE AMSCO-KWC3L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.5 2021-07-26
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
KWC2L5L1.TE AMSCO-KWC2L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.6 2021-07-26
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
SUCZHEF1.VC AMSCO-SUCZHEF1.VC Datasheet
1Mb / 24P
This compact UV-C LED is part of the OSLON UV Series.
Version 1.6 2023-06-19
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com