Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUCZHEF1.VC Datasheet (PDF) - ams AG

SUCZHEF1.VC Datasheet PDF - ams AG
Part # SUCZHEF1.VC
Download  SUCZHEF1.VC Download
File Size   1919.43 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact UV-C LED is part of the OSLON UV Series.

SUCZHEF1.VC Datasheet (PDF)

Go To PDF Page Download Datasheet
SUCZHEF1.VC Datasheet PDF - ams AG

Part # SUCZHEF1.VC
Download  SUCZHEF1.VC Click to download

File Size   1919.43 Kbytes
Page   24 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact UV-C LED is part of the OSLON UV Series.

SUCZHEF1.VC Datasheet (HTML) - ams AG


SUCZHEF1.VC Product details

Features
- Package: Ceramic package with lens
- Chip technology: AlGaN based flip chip
- Typ. Radiation: 150°
- Color: λpeak = 265 nm (● ultraviolet (UV-C))
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Radiant Flux: typ. 100 mW
- Radiant Efficiency: typ. 5.7 %





Similar Part No. - SUCZHEF1.VC

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
SUCOFEED HUBERSUHNER-SUCOFEED_12 Datasheet
261Kb / 2P
Corrugated, 50 Ohm, 8 GHz, 85°C, ø15.9 mm, PE jacket
SUCOFEED_12_FR HUBERSUHNER-SUCOFEED_12_FR Datasheet
1Mb / 2P
Corrugated, 50 Ohm, 8.8 GHz, 85°C, ø15.9 mm, LSFH jacket
SUCOFEED_12_HF HUBERSUHNER-SUCOFEED_12_HF Datasheet
1Mb / 2P
Corrugated, 50 Ohm, 10 GHz, 85°C, ø13.4 mm, PE jacket
SUCOFEED_12_HF_FR HUBERSUHNER-SUCOFEED_12_HF_FR Datasheet
1Mb / 2P
Corrugated, 50 Ohm, 10 GHz, 85°C, ø13.4 mm, LSFH jacket
SUCOFEED_12_LW HUBERSUHNER-SUCOFEED_12_LW Datasheet
1Mb / 2P
Corrugated, 50 Ohm, 8.8 GHz, 85°C, ø15.9 mm, PE jacket
More results


Similar Description - SUCZHEF1.VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TW30SX ETC1-TW30SX Datasheet
92Kb / 4P
Features of the TW30SX UV Sensor
logo
NICHIA CORPORATION
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
UV LED
logo
Roithner LaserTechnik G...
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
UV LED
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
UV LED
GUVA-T11GM-LA ROITHNER-GUVA-T11GM-LA Datasheet
187Kb / 1P
uv sensors of genicom make the photocurrent under uv light but the level of photocurent is very low
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
UV LED
logo
ams AG
KWDMLN34.EC AMSCO-KWDMLN34.EC Datasheet
1Mb / 23P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.1 2020-07-30
SUCULDN1.VC AMSCO-SUCULDN1.VC Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCULBN2.VC AMSCO-SUCULBN2.VC Datasheet
1Mb / 22P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.2 2022-11-22
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com