Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUCULBN2.VC Datasheet (PDF) - ams AG

SUCULBN2.VC Datasheet PDF - ams AG
Part # SUCULBN2.VC
Download  SUCULBN2.VC Download
File Size   1731.69 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.

SUCULBN2.VC Datasheet (PDF)

Go To PDF Page Download Datasheet
SUCULBN2.VC Datasheet PDF - ams AG

Part # SUCULBN2.VC
Download  SUCULBN2.VC Click to download

File Size   1731.69 Kbytes
Page   22 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.

SUCULBN2.VC Datasheet (HTML) - ams AG


SUCULBN2.VC Product details

Features
- Package: Ceramic package with integrated glass cover
- Chip technology: AlGaN based flip chip
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λpeak = 275 nm (● ultraviolet (UV-C))
- ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Radiant Flux: typ. 5.2 mW
- Radiant Efficiency: typ. 2.9 %





Similar Part No. - SUCULBN2.VC

ManufacturerPart #DatasheetDescription
logo
ams AG
SUCULDN1.VC AMSCO-SUCULDN1.VC Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCULDN1.VC-MAMF-67-4E4F AMSCO-SUCULDN1.VC-MAMF-67-4E4F Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCULDN1.VC-MAMP-67-4E4F AMSCO-SUCULDN1.VC-MAMP-67-4E4F Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
logo
ams-OSRAM AG
SUCULFP1.VC AMSOSRAM-SUCULFP1.VC Datasheet
1Mb / 22P
OSLON® UV 3535
More results


Similar Description - SUCULBN2.VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GUVC-T10GD ETC-GUVC-T10GD Datasheet
218Kb / 1P
UV-C sensor
GUVC-T10GD-L ETC-GUVC-T10GD-L Datasheet
208Kb / 1P
UV-C sensor
GUVC-T11GC-4LW11 ETC-GUVC-T11GC-4LW11 Datasheet
291Kb / 1P
UV-C sensor probe
GUVC-T11GC-I4LW8 ETC-GUVC-T11GC-I4LW8 Datasheet
260Kb / 1P
UV-C sensor probe (DVGW)
GUVC-T11GC-I7LW11 ETC-GUVC-T11GC-I7LW11 Datasheet
295Kb / 1P
UV-C sensor probe
GUVC-T11GC-I8LW6 ETC-GUVC-T11GC-I8LW6 Datasheet
273Kb / 1P
UV-C sensor probe (DVGW)
GUVC-T20GD-U ETC-GUVC-T20GD-U Datasheet
216Kb / 1P
UV-C sensor probe (DVGW)
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
UV LED
logo
ams AG
SUCULDN1.VC AMSCO-SUCULDN1.VC Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCZHEF1.VC AMSCO-SUCZHEF1.VC Datasheet
1Mb / 24P
This compact UV-C LED is part of the OSLON UV Series.
Version 1.6 2023-06-19
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com