Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUCULFP1.VC Datasheet (PDF) - ams-OSRAM AG

SUCULFP1.VC Datasheet PDF - ams-OSRAM AG
Part # SUCULFP1.VC
Download  SUCULFP1.VC Download
File Size   1795.56 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® UV 3535

SUCULFP1.VC Datasheet (PDF)

Go To PDF Page Download Datasheet
SUCULFP1.VC Datasheet PDF - ams-OSRAM AG

Part # SUCULFP1.VC
Download  SUCULFP1.VC Click to download

File Size   1795.56 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® UV 3535

SUCULFP1.VC Datasheet (HTML) - ams-OSRAM AG


SUCULFP1.VC Product details

Applications
- Agriculture & Horticulture - UV-C Disinfection & Treatment

Features
- Package: Ceramic package
- Chip technology: UV Flip chip
- Color: λpeak = 265 nm (● ultraviolet (UV-C))
- ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Typ. Radiation: 120° (0°), 120° (90°)
- Radiant Flux: typ. 115 mW
- Radiant Efficiency: typ. 5.3 %





Similar Part No. - SUCULFP1.VC

ManufacturerPart #DatasheetDescription
logo
ams AG
SUCULBN2.VC AMSCO-SUCULBN2.VC Datasheet
1Mb / 22P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.2 2022-11-22
SUCULBN2.VC-AGAM-67-4F4G AMSCO-SUCULBN2.VC-AGAM-67-4F4G Datasheet
1Mb / 22P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.2 2022-11-22
SUCULDN1.VC AMSCO-SUCULDN1.VC Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCULDN1.VC-MAMF-67-4E4F AMSCO-SUCULDN1.VC-MAMF-67-4E4F Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
SUCULDN1.VC-MAMP-67-4E4F AMSCO-SUCULDN1.VC-MAMP-67-4E4F Datasheet
1Mb / 23P
This compact UV-C LED is part of the OSLON UV series. It allows a flexible design for any application which requires UV-C radiation.
Version 1.12 2023-01-04
More results


Similar Description - SUCULFP1.VC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
SJ-3535
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
logo
Inolux Corporation
IN-C33ATN INOLUX-IN-C33ATN Datasheet
1Mb / 16P
3535 UV LED
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
3535 High Power LED
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
SUCZHEF1.VC AMSCO-SUCZHEF1.VC Datasheet
1Mb / 24P
This compact UV-C LED is part of the OSLON UV Series.
Version 1.6 2023-06-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com