Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSSRML.14 Datasheet (PDF) - OSRAM GmbH

GDCSSRML.14 Datasheet PDF - OSRAM GmbH
Part # GDCSSRML.14
Download  GDCSSRML.14 Download
File Size   1772.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Optimal

GDCSSRML.14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDCSSRML.14 Datasheet PDF - OSRAM GmbH

Part # GDCSSRML.14
Download  GDCSSRML.14 Click to download

File Size   1772.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSLON® Optimal

GDCSSRML.14 Datasheet (HTML) - OSRAM GmbH


GDCSSRML.14 Product details

A brand new family of LEDs with our ams OSRAM’s
latest chip technology, delivering significant
performance upgrades. Offered in four
colors for ease of design and flexibility for all your
horticulture spectrum needs. With Hyper Red (660
nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both
narrow spectrum and full spectrum
solutions can be designed to meet all crop needs for
both greenhouses and vertical farms.
The OSLON® Optimal strikes a perfect balance of
performance and cost along with proven robustness,
high reliability and long lifetime.

Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 775 mW
- Radiant Efficiency: typ. 75.8 %
- Photon Flux: typ. 2.90 umol/s
- Photon Flux Efficacy: typ. 2.84 umol/J

Applications
- Agriculture & Horticulture
- Entertainment
- Medical Lighting
- Outdoor & Industrial Lighting




Similar Part No. - GDCSSRML.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GDCSSRM2.14-ARAT-24-1 OSRAM-GDCSSRM2.14-ARAT-24-1 Datasheet
3Mb / 22P
OSLON Square
GDCSSRM3.14 OSRAM-GDCSSRM3.14 Datasheet
1Mb / 22P
New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.
Version 1.0 2022-03-01
GDCSSRM3.14-AHAM-24-1 OSRAM-GDCSSRM3.14-AHAM-24-1 Datasheet
1Mb / 22P
New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.
Version 1.0 2022-03-01
GDCSSRM3.14-AJAM-24-1 OSRAM-GDCSSRM3.14-AJAM-24-1 Datasheet
1Mb / 22P
New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.
Version 1.0 2022-03-01
More results


Similar Description - GDCSSRML.14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
Optimal cooling performance.
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
Optimal cooling performance
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com