Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSSRM3.14 Datasheet (PDF) - OSRAM GmbH

GDCSSRM3.14 Datasheet PDF - OSRAM GmbH
Part # GDCSSRM3.14
Download  GDCSSRM3.14 Download
File Size   1767.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.

GDCSSRM3.14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDCSSRM3.14 Datasheet PDF - OSRAM GmbH

Part # GDCSSRM3.14
Download  GDCSSRM3.14 Click to download

File Size   1767.61 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.

GDCSSRM3.14 Datasheet (HTML) - OSRAM GmbH


GDCSSRM3.14 Product details

Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Corrosion Robustness Class: 3B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux : typ. 1555 mW @ 700mA; typ. 819 mW @ 350mA
- Radiant Efficiency: typ. 76% @ 700mA; typ. 83% @ 350mA
- Photon Flux: typ. 5.75 μmol/s @ 700mA ; typ. 3.03 μmol/s @ 350mA
- Photon Flux Efficacy: typ 2.81 μmol/J @ 700mA ; typ 3.08 μmol/J @ 350mA





Similar Part No. - GDCSSRM3.14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GDCSSRM2.14-ARAT-24-1 OSRAM-GDCSSRM2.14-ARAT-24-1 Datasheet
3Mb / 22P
OSLON Square
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
GDCSSRML.14-U8V1-24-1 OSRAM-GDCSSRML.14-U8V1-24-1 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
GDCSSRML.14-U9V2-24-1 OSRAM-GDCSSRML.14-U9V2-24-1 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results


Similar Description - GDCSSRM3.14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
Very high intensity even at low drive currents
23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
STANLEY ELECTRIC CO.,LT...
HCNW125DJTE-TR STANLEY-HCNW125DJTE-TR Datasheet
900Kb / 26P
High reliability, High flux, Low thermal resistance package
HCNY115AJTE-TR STANLEY-HCNY115AJTE-TR Datasheet
820Kb / 26P
High reliability, High flux, Low thermal resistance package
HFZV111AJTE-TR STANLEY-HFZV111AJTE-TR Datasheet
789Kb / 25P
High reliability, High flux, Low thermal resistance package
logo
ams AG
GACSHPM1.23 AMSCO-GACSHPM1.23 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.7 2022-09-12
GHCS8PM1.24 AMSCO-GHCS8PM1.24 Datasheet
1Mb / 22P
New, higher performing OSLON SSL family LED with well known superior robustness, high reliability, long lifetime, low thermal resistance.
Version 1.16 2022-09-13
GWCSSRM1.CC AMSCO-GWCSSRM1.CC Datasheet
5Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.5
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com