Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSSRM3.14 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GDCSSRM3.14
Description  New generation of OSLON Square Deep Blue offers higher brightness with low thermal resistance even when driven at high currents. High reliability.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDCSSRM3.14 Datasheet(HTML) 2 Page - OSRAM GmbH

  GDCSSRM3.14 Datasheet HTML 1Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 2Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 3Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 4Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 5Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 6Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 7Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 8Page - OSRAM GmbH GDCSSRM3.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD CSSRM3.14
DATASHEET
DATASHEET
2 | Version 1.0 | 2022-03-01
OSLON® Square
GD CSSRM3.14
New generation of OSLON Square Deep Blue offers higher
brightness with low thermal resistance even when driven at high
currents. High reliability. Long lifetime.
Applications
- Architecture
- Horticulture Lighting
Features
- Package: SMD ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Corrosion Robustness Class: 3B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux : typ. 1555 mW @ 700mA; typ. 819 mW @ 350mA
- Radiant Efficiency: typ. 76% @ 700mA; typ. 83% @ 350mA
- Photon Flux: typ. 5.75 μmol/s @ 700mA ; typ. 3.03 μmol/s @ 350mA
- Photon Flux Efficacy: typ 2.81 μmol/J @ 700mA ; typ 3.08 μmol/J @ 350mA
<img
<img
<img



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com